Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VB029011Y Datasheet(PDF) 9 Page - STMicroelectronics

Part # VB029011Y
Description  HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB029011Y Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VB029011Y Datasheet HTML 2Page - STMicroelectronics VB029011Y Datasheet HTML 3Page - STMicroelectronics VB029011Y Datasheet HTML 4Page - STMicroelectronics VB029011Y Datasheet HTML 5Page - STMicroelectronics VB029011Y Datasheet HTML 6Page - STMicroelectronics VB029011Y Datasheet HTML 7Page - STMicroelectronics VB029011Y Datasheet HTML 8Page - STMicroelectronics VB029011Y Datasheet HTML 9Page - STMicroelectronics VB029011Y Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9/10
VB029 / VB029SP / VB029(011Y) / VB029(012Y)
1
1
1
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.3
4.8
0.169
0.189
A1
2.5
3.1
0.098
0.122
b
0.6
0.8
0.024
0.031
b1
0.75
0.9
0.03
0.035
c
0.35
0.55
0.014
0.022
c1
1.22
1.42
0.048
0.056
D
9
9.35
0.354
0.368
D1
15.2
15.8
0.598
0.622
e
2.44
2.64
0.096
0.104
e1
3.71
3.91
0.146
0.154
E
10
10.4
0.394
0.409
L
22.32
22.92
0.879
0.902
L1
25.1
25.7
0.988
1.012
P
3.65
3.95
0.144
0.156
S
2.55
3.05
0.1
0.12
e1
e
b1
D1
S
E
b
L1
L
A1
c
D
P
c1
A
P010P
PENTAWATT HV 012Y (in line) MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com