Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ML5800DM Datasheet(PDF) 18 Page - Micro Linear Corporation

Part # ML5800DM
Description  5.8GHz Low-IF 1.5Mbps FSK Transceiver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML5800DM Datasheet(HTML) 18 Page - Micro Linear Corporation

Back Button ML5800DM Datasheet HTML 14Page - Micro Linear Corporation ML5800DM Datasheet HTML 15Page - Micro Linear Corporation ML5800DM Datasheet HTML 16Page - Micro Linear Corporation ML5800DM Datasheet HTML 17Page - Micro Linear Corporation ML5800DM Datasheet HTML 18Page - Micro Linear Corporation ML5800DM Datasheet HTML 19Page - Micro Linear Corporation ML5800DM Datasheet HTML 20Page - Micro Linear Corporation ML5800DM Datasheet HTML 21Page - Micro Linear Corporation ML5800DM Datasheet HTML 22Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
ML5800
DS5800-F-04
FINAL DATASHEET
JULY 2006
18
REGISTER DESCRIPTIONS
A 3-wire serial data input bus sets the ML5800’s transceiver parameters and programs the PLL circuits. Entering 16-bit
words into the ML5800 serial interface performs programming. Three 16-bit registers are partitioned such that 14 bits
are dedicated for data to program the operation and two bits identify the register address. The contents of these
registers cannot be read back.
The three registers are:
Register 0
: PLL Configuration
Register 1
: RF Channel Frequency Configuration
Register 2
: Test Mode Access
Figure 7
shows a register map. Table 4 through Table 21 provide detailed diagrams of the register organization: Table
4
outlines the PLL configuration register (Register 0), Table 17 describes the channel frequency register (Register 1),
and displays the filter tuning and test mode register (Register 2).
Res.
DB13
MSB
B15
DB12
B14
DB11
B13
DB10
B12
DB9
B11
DB8
B10
DB7
B9
DB6
B8
DB5
B7
DB4
B6
DB3
B5
DB2
B4
DB1
B3
DB0
B2
ADR1
B1
ADR0
B0
Res.
V23PLL
NOPD
RCLP
LVLO
TXOL
TXM
TPC
TXCW
LOL
AOUT
RD0
QPP
0
0
N9
DB13
MSB
B15
DB12
B14
DB11
B13
DB10
B12
DB9
B11
DB8
B10
DB7
B9
DB6
B8
DB5
B7
DB4
B6
DB3
B5
DB2
B4
DB1
B3
DB0
B2
ADR1
B1
ADR0
B0
N8
N7
N6
N5
N4
N3
N2
N1
N0
P3
P2
P1
P0
0
1
TMODE
DB13
MSB
B15
DB12
B14
DB11
B13
DB10
B12
DB9
B11
DB8
B10
DB7
B9
DB6
B8
DB5
B7
DB4
B6
DB3
B5
DB2
B4
DB1
B3
DB0
B2
ADR1
B1
ADR0
B0
CFB6
CFB5
CFB4
CFB3
CFB2
CFB1
CFB0
DTM2
DTM1
DTM0
ATM2
ATM1
ATM0
1
0
Register 0: PLL Configuration Register
Register 1: RF Channel Frequency Configuration Register
Register 2: Test Mode Access Register
Data
Data
Data
Address
Address
Address
Figure 7: Configuration Register Map
Power-On State
On power up, all register bits are cleared to the default value of 0 (zero). Power up is defined as occurring when VDD ≥
2.0V. The register default values are valid upon power up.
Register Format
The two least significant bits of every register are the address bits ADR <1:0>. Each register is divided into a data field
and address field. The data field is the leading field, while the last two bits clocked into the register are always the
address field. When EN goes high, the address field is decoded and the addressed destination register is loaded. The
last 16 bits clocked into the serial bus are loaded into the register. Clocking in less than 16 bits may result in an
incorrect entry into the register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com