Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT26DF321 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT26DF321
Description  32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26DF321 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT26DF321_07 Datasheet HTML 12Page - ATMEL Corporation AT26DF321_07 Datasheet HTML 13Page - ATMEL Corporation AT26DF321_07 Datasheet HTML 14Page - ATMEL Corporation AT26DF321_07 Datasheet HTML 15Page - ATMEL Corporation AT26DF321_07 Datasheet HTML 16Page - ATMEL Corporation AT26DF321_07 Datasheet HTML 17Page - ATMEL Corporation AT26DF321_07 Datasheet HTML 18Page - ATMEL Corporation AT26DF321_07 Datasheet HTML 19Page - ATMEL Corporation AT26DF321_07 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
16
3633E–DFLASH–10/07
AT26DF321
If the desire is to only change the SPRL bit without performing a Global Protect or Global Unpro-
tect, then the system can simply write a 0Fh to the Status Register to change the SPRL bit from
a logical “1” to a logical “0” provided the WP pin is deasserted. Likewise, the system can write an
F0h to change the SPRL bit from a logical “0” to a logical “1” without affecting the current sector
protection status (no changes will be made to the Sector Protection Registers).
When writing to the Status Register, bits 5, 4, 3, and 2 will not actually be modified but will be
decoded by the device for the purposes of the Global Protect and Global Unprotect functions.
Only bit 7, the SPRL bit, will actually be modified. Therefore, when reading the Status Register,
bits 5, 4, 3, and 2 will not reflect the values written to them but will instead indicate the status of
the WP pin and the sector protection status. Please refer to the “Read Status Register” section
and Table 10-1 on page 19 for details on the Status Register format and what values can be
read for bits 5, 4, 3, and 2.
9.6
Read Sector Protection Registers
The Sector Protection Registers can be read to determine the current software protection status
of each sector. Reading the Sector Protection Registers, however, will not determine the status
of the WP pin.
To read the Sector Protection Register for a particular sector, the CS pin must first be asserted
and the opcode of 3Ch must be clocked in. Once the opcode has been clocked in, three address
bytes designating any address within the sector must be clocked in. After the last address byte
has been clocked in, the device will begin outputting data on the SO pin during every subse-
quent clock cycle. The data being output will be a repeating byte of either FFh or 00h to denote
the value of the appropriate Sector Protection Register
Deasserting the CS pin will terminate the read operation and put the SO pin into a high-imped-
ance state. The CS pin can be deasserted at any time and does not require that a full byte of
data be read.
In addition to reading the individual Sector Protection Registers, the Software Protection Status
(SWP) bit in the Status Register can be read to determine if all, some, or none of the sectors are
software protected (please refer to “Status Register Commands” on page 19 for more details).
Table 9-3.
Read Sector Protection Register – Output Data
Output Data
Sector Protection Register Value
00h
Sector Protection Register value is 0 (sector is unprotected).
FFh
Sector Protection Register value is 1 (sector is protected).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com