Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT45DB321D Datasheet(PDF) 52 Page - ATMEL Corporation

Part # AT45DB321D
Description  32-megabit 2.7-volt DataFlash
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45DB321D Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button AT45DB321D_08 Datasheet HTML 46Page - ATMEL Corporation AT45DB321D_08 Datasheet HTML 47Page - ATMEL Corporation AT45DB321D_08 Datasheet HTML 48Page - ATMEL Corporation AT45DB321D_08 Datasheet HTML 49Page - ATMEL Corporation AT45DB321D_08 Datasheet HTML 50Page - ATMEL Corporation AT45DB321D_08 Datasheet HTML 51Page - ATMEL Corporation AT45DB321D_08 Datasheet HTML 52Page - ATMEL Corporation AT45DB321D_08 Datasheet HTML 53Page - ATMEL Corporation AT45DB321D_08 Datasheet HTML 54Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
52
3597J–DFLASH–4/08
AT45DB321D
28. Revision History
Revision Level – Release Date
History
A – November 2005
Initial Release
B – January 2006
Added 6 x 5 mm MLF (VDFN) package.
Added text, in “Programming the Configuration Register”, to indicate
that power cycling is required to switch to “power of 2” page size
after the opcode enable has been executed.
Corrected typographical error regarding the opcode for chip erase in
“Program and Erase Commands” table.
C – March 2006
Added Preliminary.
Changed the sector size from 256K bytes to 64K bytes.
Added the “Legacy Commands” table.
D – April 2006
Added 8 x 6 mm MLF (VDFN) package.
Changed the sector size of 0a and 0b to 8 pages and 120 pages
respectively.
Changed the Product Version Code to 00001.
E – July 2006
Corrected typographical errors.
F – August 2006
Added errata regarding Chip Erase.
Added AT45DB321D-SU to ordering information and corresponding
8S2 package.
G – September 2006
Removed “not recommended for new designs” note from ordering
information for 8MW package.
H – February 2007
Added AT45DB321D-CNU to ordering information and
corresponding 8CN3 package.
Removed “not recommended for new designs” comment from 8MW
package drawing.
I – August 2007
Added additional text to “power of 2” binary page size option.
Changed t
VSCL from 50 µs to 70 µs.
Changed t
RDPD from 30 µs to 35 µs.
Changed tXFR and tCOMP values from 400 µs to 200 µs.
Removed AT45DB321D-CNU from ordering information and
corresponding 8CN3 package.
J – April 2008
Added part number ordering code details for suffixes SL954/955.
Added ordering code details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com