Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C51ID2-SLSIM Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT89C51ID2-SLSIM
Description  8-bit Flash Microcontroller
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51ID2-SLSIM Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT89C51ID2-SLSIM Datasheet HTML 9Page - ATMEL Corporation AT89C51ID2-SLSIM Datasheet HTML 10Page - ATMEL Corporation AT89C51ID2-SLSIM Datasheet HTML 11Page - ATMEL Corporation AT89C51ID2-SLSIM Datasheet HTML 12Page - ATMEL Corporation AT89C51ID2-SLSIM Datasheet HTML 13Page - ATMEL Corporation AT89C51ID2-SLSIM Datasheet HTML 14Page - ATMEL Corporation AT89C51ID2-SLSIM Datasheet HTML 15Page - ATMEL Corporation AT89C51ID2-SLSIM Datasheet HTML 16Page - ATMEL Corporation AT89C51ID2-SLSIM Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 157 page
background image
13
AT89C51ID2
4289C–8051–11/05
12
6
I/O
SDA (PI2.1): 2-wire Serial Data
SDA is the bidirectional 2-wire data line
RST
10
4
I
Reset: A high on this pin for two machine cycles while the oscillator is running, resets the
device. An internal diffused resistor to V
SS permits a power-on reset using only an external
capacitor to V
CC. This pin is an output when the hardware watchdog forces a system reset.
ALE/PROG
33
27
O (I)
Address Latch Enable/Program Pulse: Output pulse for latching the low byte of the
address during an access to external memory. In normal operation, ALE is emitted at a
constant rate of 1/6 (1/3 in X2 mode) the oscillator frequency, and can be used for external
timing or clocking. Note that one ALE pulse is skipped during each access to external data
memory. This pin is also the program pulse input (PROG) during Flash programming. ALE
can be disabled by setting SFR’s AUXR.0 bit. With this bit set, ALE will be inactive during
internal fetches.
PSEN
32
26
O
Program Strobe ENable: The read strobe to external program memory. When executing
code from the external program memory, PSEN is activated twice each machine cycle,
except that two PSEN activations are skipped during each access to external data memory.
PSEN is not activated during fetches from internal program memory.
EA
35
29
I
External Access Enable: EA must be externally held low to enable the device to fetch
code from external program memory locations 0000H to FFFFH. If security level 1 is pro-
grammed, EA will be internally latched on Reset.
Table 15. Pin Description (Continued)
Mnemonic
Pin Number
Type
Name and Function
PLCC44
VQFP44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com