Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN05H Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN05H
Description  HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN05H Datasheet(HTML) 1 Page - STMicroelectronics

  VN05H Datasheet HTML 1Page - STMicroelectronics VN05H Datasheet HTML 2Page - STMicroelectronics VN05H Datasheet HTML 3Page - STMicroelectronics VN05H Datasheet HTML 4Page - STMicroelectronics VN05H Datasheet HTML 5Page - STMicroelectronics VN05H Datasheet HTML 6Page - STMicroelectronics VN05H Datasheet HTML 7Page - STMicroelectronics VN05H Datasheet HTML 8Page - STMicroelectronics VN05H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
VN05H
HIGH SIDE SMART POWER SOLID STATE RELAY
July 1998
BLOCK DIAGRAM
TYPE
VDSS
RDS(on)IOUT
VCC
VN05H
60 V
0.18
Ω
12 A
36 V
s
OUTPUT CURRENT (CONTINUOUS):
12A @ Tc=25
oC
s
LOGIC LEVEL 5V COMPATIBLE INPUT
s
THERMAL SHUT-DOWN
s
UNDER VOLTAGE SHUT-DOWN
s
OPEN DRAIN DIAGNOSTIC OUTPUT
s
VERY LOW STAND-BY POWER
DISSIPATION
DESCRIPTION
The VN05H is a monolithic devices made using
SGS-THOMSON
Vertical
Intelligent
Power
Technology, intended for driving resistive or
inductive loads with one side grounded.
Built-in thermal shut-down protects the chip from
over temperature and short circuit.
The input control is 5V logic level compatible.
The open drain diagnostic output indicates open
circuit (no load) and over temperature status.
PENTAWATT
(vertical)
PENTAWATT
(horizontal)
ORDER CODES:
PENTAWATT vertical
VN050H
PENTAWATT horizontal
VN050H(011Y)
PENTAWATT in-line
VN050H(012Y)
PENTAWATT
(in-line)
1/10


Similar Part No. - VN05H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN05HSP STMICROELECTRONICS-VN05HSP Datasheet
81Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
May-1997
More results

Similar Description - VN05H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN02ANSP STMICROELECTRONICS-VN02ANSP Datasheet
88Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN02HSP STMICROELECTRONICS-VN02HSP Datasheet
181Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Aug-1998
VN02N STMICROELECTRONICS-VN02N Datasheet
193Kb / 11P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1994
VN06SP STMICROELECTRONICS-VN06SP Datasheet
219Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN220 STMICROELECTRONICS-VN220 Datasheet
74Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1999
VN30NSP STMICROELECTRONICS-VN30NSP Datasheet
64Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN540 STMICROELECTRONICS-VN540 Datasheet
85Kb / 11P
HIGH SIDE SMART POWER SOLID STATE RELAY
Oct-1999
VN02N-E STMICROELECTRONICS-VN02N-E Datasheet
251Kb / 16P
High side smart power solid state relay
07-Nov-2008
VN05N-E STMICROELECTRONICS-VN05N-E Datasheet
307Kb / 16P
High side smart power solid state relay
05-Nov-2008
VN06SP13TR STMICROELECTRONICS-VN06SP13TR Datasheet
171Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com