Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C51RB2-SLSCM Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT89C51RB2-SLSCM
Description  8-bit Microcontroller with 16K/ 32K Bytes Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RB2-SLSCM Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT89C51RB2-SLSCM Datasheet HTML 9Page - ATMEL Corporation AT89C51RB2-SLSCM Datasheet HTML 10Page - ATMEL Corporation AT89C51RB2-SLSCM Datasheet HTML 11Page - ATMEL Corporation AT89C51RB2-SLSCM Datasheet HTML 12Page - ATMEL Corporation AT89C51RB2-SLSCM Datasheet HTML 13Page - ATMEL Corporation AT89C51RB2-SLSCM Datasheet HTML 14Page - ATMEL Corporation AT89C51RB2-SLSCM Datasheet HTML 15Page - ATMEL Corporation AT89C51RB2-SLSCM Datasheet HTML 16Page - ATMEL Corporation AT89C51RB2-SLSCM Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 127 page
background image
13
AT89C51RB2/RC2
4180E–8051–10/06
Port Types
AT89C51RB2/RC2 I/O ports (P1, P2, P3) implement the quasi-bidirectional output that
is common on the 80C51 and most of its derivatives. This output type can be used as
both an input and output without the need to reconfigure the port. This is possible
because when the port outputs a logic high, it is weakly driven, allowing an external
device to pull the pin low. When the pin is pulled low, it is driven strongly and able to sink
a fairly large current. These features are somewhat similar to an open drain output
except that there are three pull-up transistors in the quasi-bidirectional output that serve
different purposes. One of these pull-ups, called the "weak" pull-up, is turned on when-
ever the port latch for the pin contains a logic 1. The weak pull-up sources a very small
current that will pull the pin high if it is left floating. A second pull-up, called the "medium"
pull-up, is turned on when the port latch for the pin contains a logic 1 and the pin itself is
also at a logic 1 level. This pull-up provides the primary source current for a quasi-bidi-
rectional pin that is outputting a 1. If a pin that has a logic 1 on it is pulled low by an
external device, the medium pull-up turns off, and only the weak pull-up remains on. In
order to pull the pin low under these conditions, the external device has to sink enough
current to overpower the medium pull-up and take the voltage on the port pin below its
input threshold.
The third pull-up is referred to as the "strong" pull-up. This pull-up is used to speed up
low-to-high transitions on a quasi-bidirectional port pin when the port latch changes from
a logic 0 to a logic 1. When this occurs, the strong pull-up turns on for a brief time, two
CPU clocks, in order to pull the port pin high quickly. Then it turns off again.
The DPU bit (bit 7 in AUXR register) allows to disable the permanent weak pull up of all
ports when latch data is logical 0.
The quasi-bidirectional port configuration is shown in Figure 3.
Figure 3. Quasi-Bidirectional Output
2 CPU
Input
Pin
Strong
Medium
N
Weak
P
Clock Delay
Port Latch
Data
Data
DPU
AUXR.7
PP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com