Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C51RB2-SLSIL Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT89C51RB2-SLSIL
Description  8-bit Microcontroller with 16K/ 32K Bytes Flash
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RB2-SLSIL Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT89C51RB2-SLSIL Datasheet HTML 35Page - ATMEL Corporation AT89C51RB2-SLSIL Datasheet HTML 36Page - ATMEL Corporation AT89C51RB2-SLSIL Datasheet HTML 37Page - ATMEL Corporation AT89C51RB2-SLSIL Datasheet HTML 38Page - ATMEL Corporation AT89C51RB2-SLSIL Datasheet HTML 39Page - ATMEL Corporation AT89C51RB2-SLSIL Datasheet HTML 40Page - ATMEL Corporation AT89C51RB2-SLSIL Datasheet HTML 41Page - ATMEL Corporation AT89C51RB2-SLSIL Datasheet HTML 42Page - ATMEL Corporation AT89C51RB2-SLSIL Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 127 page
background image
39
AT89C51RB2/RC2
4180E–8051–10/06
PCA Capture Mode
To use one of the PCA Modules in the capture mode either one or both of the CCAPM
bits CAPN and CAPP for that Module must be set. The external CEX input for the Mod-
ule (on port 1) is sampled for a transition. When a valid transition occurs the PCA
hardware loads the value of the PCA counter registers (CH and CL) into the Module's
capture registers (CCAPnL and CCAPnH). If the CCFn bit for the Module in the CCON
SFR and the ECCFn bit in the CCAPMn SFR are set then an interrupt will be generated
(see Figure 13).
Figure 13. PCA Capture Mode
CF
CR
CCON
0xD8
CH
CL
CCAPnH
CCAPnL
CCF4 CCF3
CCF2
CCF1
CCF0
PCA IT
PCA Counter/Timer
ECOMn
CCAPMn, n = 0 to 4
0xDA to 0xDE
CAPNn MATn TOGn PWMn ECCFn
CAPPn
Cex. n
Capture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com