Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C5131A-RDTUM Datasheet(PDF) 102 Page - ATMEL Corporation

Part # AT89C5131A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTUM Datasheet(HTML) 102 Page - ATMEL Corporation

Back Button AT89C5131A-RDTUM Datasheet HTML 98Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 99Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 100Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 101Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 102Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 103Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 104Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 105Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 106Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 188 page
background image
102
4337K–USB–04/08
AT89C5130A/31A-M
20. Two Wire Interface (TWI)
This section describes the 2-wire interface. The 2-wire bus is a bi-directional 2-wire serial com-
munication standard. It is designed primarily for simple but efficient integrated circuit (IC) control.
The system is comprised of two lines, SCL (Serial Clock) and SDA (Serial Data) that carry infor-
mation between the ICs connected to them. The serial data transfer is limited to 400 Kbit/s in
standard mode. Various communication configuration can be designed using this bus. Figure
20-1 shows a typical 2-wire bus configuration. All the devices connected to the bus can be mas-
ter and slave.
Figure 20-1. 2-wire Bus Configuration
SCL
SDA
device2
device1
deviceN
device3
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com