Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT89C5131A-RDTUM Datasheet(PDF) 123 Page - ATMEL Corporation

Part # AT89C5131A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTUM Datasheet(HTML) 123 Page - ATMEL Corporation

Back Button AT89C5131A-RDTUM Datasheet HTML 119Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 120Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 121Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 122Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 123Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 124Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 125Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 126Page - ATMEL Corporation AT89C5131A-RDTUM Datasheet HTML 127Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 188 page
background image
123
4337K–USB–04/08
AT89C5130A/31A-M
• Set configuration
The CONFG bit in the USBCON register has to be set after a SET_CONFIGURATION
request with a non-zero value. Otherwise, this bit has to be cleared.
21.2.2
Endpoint Configuration
• Selection of an Endpoint
The endpoint register access is performed using the UEPNUM register. The registers
– UEPSTAX
– UEPCONX
– UEPDATX
– UBYCTLX
– UBYCTHX
These registers correspond to the endpoint whose number is stored in the UEPNUM regis-
ter. To select an Endpoint, the firmware has to write the endpoint number in the UEPNUM
register.
Figure 21-5. Endpoint Selection
• Endpoint enable
Before using an endpoint, this one will be enabled by setting the EPEN bit in the UEPCONX
register.
An endpoint which is not enabled won’t answer to any USB request. The Default Control
Endpoint (Endpoint 0) will always be enabled in order to answer to USB standard requests.
• Endpoint type configuration
All Standard Endpoints can be configured in Control, Bulk, Interrupt or Isochronous mode.
The Ping-pong Endpoints can be configured in Bulk, Interrupt or Isochronous mode. The
configuration of an endpoint is performed by setting the field EPTYPE with the following
values:
– Control:EPTYPE = 00b
– Isochronous:EPTYPE = 01b
– Bulk:EPTYPE = 10b
– Interrupt:EPTYPE = 11b
UEPNUM
Endpoint 0
Endpoint 6
UEPSTA0
UEPCON0
UEPDAT0
UEPSTA6
UEPCON6
UEPDAT6
0
1
2
3
4
5
6
SFR registers
UEPSTAX
UEPCONX
UEPDATX
X
UBYCTH0
UBYCTL0
UBYCTH6
UBYCTL6
UBYCTHX
UBYCTLX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com