Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACS8522T Datasheet(PDF) 21 Page - Semtech Corporation

Part # ACS8522T
Description  Synchronous Equipment Timing Source for Stratum 3/4E/4 and SMC Systems
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8522T Datasheet(HTML) 21 Page - Semtech Corporation

Back Button ACS8522T Datasheet HTML 17Page - Semtech Corporation ACS8522T Datasheet HTML 18Page - Semtech Corporation ACS8522T Datasheet HTML 19Page - Semtech Corporation ACS8522T Datasheet HTML 20Page - Semtech Corporation ACS8522T Datasheet HTML 21Page - Semtech Corporation ACS8522T Datasheet HTML 22Page - Semtech Corporation ACS8522T Datasheet HTML 23Page - Semtech Corporation ACS8522T Datasheet HTML 24Page - Semtech Corporation ACS8522T Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 118 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 5/November 2006 © Semtech Corp.
Page 21
www.semtech.com
ACS8522 SETS LITE
strongly attenuated, whilst wander attenuation can be
varied to suit the application and operating state. Wander
and jitter attenuation is performed using a digital phase
locked loop (DPLL) with a programmable bandwidth. This
gives a transfer characteristic of a low pass filter, with a
programmable pole. It is sometimes necessary to change
the filter dynamics to suit particular circumstances - one
example being when locking to a new source, the filter can
be opened up to reduce locking time and can then be
tightened again to remove wander. A change between
different bandwidths for locking and for acquisition is
handled automatically within the ACS8522.
There may be a phase shift across the ACS8522 between
the selected input reference source and the output clock
over time, mainly caused by frequency wander in the
external oscillator module. Higher stability XOs will give
better performance for MTIE. The oscillator becomes
more critical at DPLL bandwidth near to or below 0.1 Hz
since the rate of change of the DPLL may be slow
compared to the rate of change of the oscillator
frequency. Shielding of the OCXO or TCXO can further slow
down the rate of change of temperature and hence
frequency, thus improving output wander performance.
The phase shift may vary over time but will be constrained
to lie within specified limits. The phase shift is
characterized using two parameters, MTIE (Maximum
Time Interval Error) and TDEV (Time Deviation) which,
although being specified in all relevant specifications,
differ in acceptable limits in each one.
Typical measurements for the ACS8522 are shown in
Figure 5, for Locked mode operation. Figure 6 shows a
typical measurement of Phase Error accumulation in
Holdover mode operation.
The required performance for phase variation during
Holdover is specified in several ways and depends on the
relevant specification (See “References” on page 115),
for example:
1. ETSI ETS-300 462-5[4], Section 9.1, requires that the
short-term phase error during switchover (i.e. Locked
to Holdover to Locked) be limited to an accumulation
rate no greater than 0.05 ppm during a 15 second
interval.
2. ETSI ETS-300 462-5[4], Section 9.2, requires that the
long-term phase error in the Holdover mode should
not exceed:
{(a1 + a2)S + 0.5bS2 + c}
where
a1 = 50 ns/s (allowance for initial frequency offset)
a2 = 2000 ns/s (allowance for temperature variation)
b = 1.16x10-4 ns/s2 (allowance for ageing)
c = 120 ns (allowance for entry into Holdover mode).
S = Elapsed time (s) after loss of external ref. input
3. ANSI Tin1.101-1999[1], Section 8.2.2, requires that
the phase variation be limited so that no more than
255 slips (of 125 µs each) occur during the first day of
Holdover. This requires a frequency accuracy better
than:
((24x60x60)+(255x125µs))/(24x60x60) = 0.37 ppm
Temperature variation is not restricted, except to
within the normal bounds of 0 to 50°C.
4. Telcordia GR-1244-CORE[19], Section 5.2, shows that
an initial frequency offset of 50 ppb is permitted on
entering Holdover, whilst a drift over temperature of
280 ppb is allowed; an allowance of 40 ppb is
permitted for all other effects.
5. ITU G.822[12], Section 2.6, requires that the slip rate
during category (b) operation (interpreted as being
applicable to Holdover mode operation) be limited to
less than 30 slips (of 125 µs each) per hour.
((60 x 60) + (30 x 125 µs))/(60 x 60)) = 1.042 ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com