Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACS8526P Datasheet(PDF) 71 Page - Semtech Corporation

Part # ACS8526P
Description  Line Card Protection Switch for PDH, SONET or SDH Systems
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8526P Datasheet(HTML) 71 Page - Semtech Corporation

Back Button ACS8526P Datasheet HTML 66Page - Semtech Corporation ACS8526P Datasheet HTML 67Page - Semtech Corporation ACS8526P Datasheet HTML 68Page - Semtech Corporation ACS8526P Datasheet HTML 69Page - Semtech Corporation ACS8526P Datasheet HTML 70Page - Semtech Corporation ACS8526P Datasheet HTML 71Page - Semtech Corporation ACS8526P Datasheet HTML 72Page - Semtech Corporation ACS8526P Datasheet HTML 73Page - Semtech Corporation ACS8526P Datasheet HTML 74Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 71 / 74 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 4.01/June 2006 © Semtech Corp.
Page 71
www.semtech.com
ACS8526 LC/P LITE
APLL
Analogue Phase Locked Loop
BITS
Building Integrated Timing Supply
DFS
Digital Frequency Synthesis
DPLL
Digital Phase Locked Loop
DS1
1544 kbit/s interface rate
DTO
Discrete Time Oscillator
E1
2048 kbit/s interface rate
I/O
Input - Output
LOS
Loss Of Signal
LQFP
Low profile Quad Flat Pack
LVDS
Low Voltage Differential Signal
MTIE
Maximum Time Interval Error
NE
Network Element
PBO
Phase Build-out
PDH
Plesiochronous Digital Hierarchy
PD2
Phase Detector 2
PECL
Positive Emitter Coupled Logic
PFD
Phase and Frequency Detector
PLL
Phase Locked Loop
POR
Power-On Reset
ppb
parts per billion
ppm
parts per million
p-p
peak-to-peak
R/W
Read/Write
rms
root-mean-square
RO
Read Only
RoHS
Restrictive Use of Certain Hazardous
Substances (directive)
SDH
Synchronous Digital Hierarchy
SEC
SDH/SONET Equipment Clock
SETS
Synchronous Equipment Timing source
SONET
Synchronous Optical Network
SSU
Synchronization Supply Unit
STM
Synchronous Transport Module
TDEV
Time Deviation
TCXO
Temperature Compensated Crystal
Oscillator
UI
Unit Interval
WEEE
Waste Electrical and Electronic
Equipment (directive)
XO
Crystal Oscillator
[1] AT & T 62411 (12/1990)
ACCUNET® T1.5 Service description and Interface
Specification
[2] ETSI ETS 300 462-3, (01/1997)
Transmission and Multiplexing (TM); Generic
requirements for synchronization networks; Part 3: The
control of jitter and wander within synchronization
networks
[3] ETSI ETS 300 462-5 (09/1996)
Transmission and Multiplexing (TM); Generic
requirements for synchronization networks; Part 5: Timing
characteristics of slave clocks suitable for operation in
Synchronous Digital Hierarchy (SDH) equipment
[4] IEEE 1149.1 (1990)
Standard Test Access Port and Boundary-Scan
Architecture
[5] ITU-T G.736 (03/1993)
Characteristics of a synchronous digital multiplex
equipment operating at 2048 kbit/s
[6] ITU-T G.742 (1988)
Second order digital multiplex equipment operating at
8448 kbit/s, and using positive justification
[7] ITU-T G.812 (06/1998)
Timing requirements of slave clocks suitable for use as
node clocks in synchronization networks
[8] ITU-T G.813 (08/1996)
Timing characteristics of SDH equipment slave clocks
(SEC)
[9] ITU-T G.824 (03/2000)
The control of jitter and wander within digital networks
which are based on the 1544 kbit/s hierarchy
[10] ITU-T K.41 (05/1998)
Resistability of internal interfaces of telecommunication
centres to surge overvoltages
[11] Telcordia GR-253-CORE, Issue 3 (09/ 2000)
Synchronous Optical Network (SONET) Transport
Systems: Common Generic Criteria
[12] Telcordia GR-499-CORE, Issue 2 (12/1998)
Transport Systems Generic Requirements (TSGR)
Common requirements
[13] Telcordia GR-1244-CORE, Issue 2 (12/2000)
Clocks for the Synchronized Network: Common Generic
Criteria
Abbreviations
References



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com