Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83848T Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83848T
Description  PHYTER짰 Mini - Industrial Temperature Single 10/100 Ethernet Transceiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848T Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button DP83848T_08 Datasheet HTML 17Page - National Semiconductor (TI) DP83848T_08 Datasheet HTML 18Page - National Semiconductor (TI) DP83848T_08 Datasheet HTML 19Page - National Semiconductor (TI) DP83848T_08 Datasheet HTML 20Page - National Semiconductor (TI) DP83848T_08 Datasheet HTML 21Page - National Semiconductor (TI) DP83848T_08 Datasheet HTML 22Page - National Semiconductor (TI) DP83848T_08 Datasheet HTML 23Page - National Semiconductor (TI) DP83848T_08 Datasheet HTML 24Page - National Semiconductor (TI) DP83848T_08 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 81 page
background image
21
www.national.com
10th clock so that an attached device can sample the data
every 10 clocks.
RMII mode requires a 50 MHz oscillator be connected to
the device X1 pin. A 50 MHz crystal is not supported.
To tolerate potential frequency differences between the 50
MHz reference clock and the recovered receive clock, the
receive RMII function includes a programmable elasticity
buffer. The elasticity buffer is programmable to minimize
propagation delay based on expected packet size and
clock accuracy. This allows for supporting a range of
packet sizes including jumbo frames.
The elasticity buffer will force Frame Check Sequence
errors for packets which overrun or underrun the FIFO.
Underrun and Overrun conditions can be reported in the
RMII and Bypass Register (RBR). The following table indi-
cates how to program the elasticity buffer fifo (in 4-bit
increments) based on expected max packet size and
clock accuracy. It assumes both clocks (RMII Reference
clock and far-end Transmitter clock) have the same accu-
racy.
3.3 802.3u MII Serial Management Interface
3.3.1 Serial Management Register Access
The serial management MII specification defines a set of
thirty-two 16-bit status and control registers that are
accessible through the management interface pins MDC
and MDIO. The DP83848T implements all the required MII
registers as well as several optional registers. These reg-
isters are fully described in Section 7.0. A description of
the serial management access protocol follows.
3.3.2 Serial Management Access Protocol
The serial control interface consists of two pins, Manage-
ment Data Clock (MDC) and Management Data Input/Out-
put (MDIO). MDC has a maximum clock rate of 25 MHz
and no minimum rate. The MDIO line is bi-directional and
may be shared by up to 32 devices. The MDIO frame for-
mat is shown below in Table 5 Typical MDIO Frame For-
mat.
The MDIO pin requires a pull-up resistor (1.5 k
Ω) which,
during IDLE and turnaround, will pull MDIO high. In order
to initialize the MDIO interface, the station management
entity sends a sequence of 32 contiguous logic ones on
MDIO to provide the DP83848T with a sequence that can
be used to establish synchronization. This preamble may
be generated either by driving MDIO high for 32 consecu-
tive MDC clock cycles, or by simply allowing the MDIO
pull-up resistor to pull the MDIO pin high during which
time 32 MDC clock cycles are provided. In addition, 32
MDC clock cycles should be used to re-sync the device if
an invalid start, opcode, or turnaround bit is detected.
The DP83848T waits until it has received this preamble
sequence before responding to any other transaction.
Once the DP83848T serial management port has been
initialized no further preamble sequencing is required until
after a power-on/reset, invalid Start, invalid Opcode, or
invalid turnaround bit has occurred.
The Start code is indicated by a <01> pattern. This
assures the MDIO line transitions from the default idle line
state.
Turnaround is defined as an idle bit time inserted between
the Register Address field and the Data field. To avoid
contention during a read transaction, no device shall
actively drive the MDIO signal during the first bit of Turn-
around. The addressed DP83848T drives the MDIO with a
zero for the second bit of turnaround and follows this with
the required data. Figure 4 shows the timing relationship
between MDC and the MDIO as driven/received by the
Station (STA) and the DP83848T (PHY) for a typical regis-
ter read access.
For write transactions, the station management entity
writes data to the addressed DP83848T thus eliminating
the requirement for MDIO Turnaround. The Turnaround
time is filled by the management entity by inserting <10>.
Figure 5 shows the timing relationship for a typical MII
register write access.
Table 4. Supported packet sizes at +/-50ppm +/-100ppm for each clock
Start Threshold
RBR[1:0]
Latency Tolerance
Recommended Packet Size
at +/- 50ppm
Recommended Packet Size
at +/- 100ppm
1 (4-bits)
2 bits
2400 bytes
1200 bytes
2 (8-bits)
6 bits
7200 bytes
3600 bytes
3 (12-bits)
10 bits
12000 bytes
6000 bytes
0 (16-bits)
14 bits
16800 bytes
8400 bytes
Table 5. Typical MDIO Frame Format
MII Management
Serial Protocol
<idle><start><op code><device addr><reg addr><turnaround><data><idle>
Read Operation
<idle><01><10><AAAAA><RRRRR><Z0><xxxx xxxx xxxx xxxx><idle>
Write Operation
<idle><01><01><AAAAA><RRRRR><10><xxxx xxxx xxxx xxxx><idle>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com