Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VNB14NV04 Datasheet(PDF) 21 Page - STMicroelectronics

Part # VNB14NV04
Description  "OMNIFET II”: FULLY AUTOPROTECTED POWER MOSFET
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNB14NV04 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VNB14NV04 Datasheet HTML 17Page - STMicroelectronics VNB14NV04 Datasheet HTML 18Page - STMicroelectronics VNB14NV04 Datasheet HTML 19Page - STMicroelectronics VNB14NV04 Datasheet HTML 20Page - STMicroelectronics VNB14NV04 Datasheet HTML 21Page - STMicroelectronics VNB14NV04 Datasheet HTML 22Page - STMicroelectronics VNB14NV04 Datasheet HTML 23Page - STMicroelectronics VNB14NV04 Datasheet HTML 24Page - STMicroelectronics VNB14NV04 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
21/29
VNB14NV04 / VND14NV04 / VND14NV04-1 / VNP14NV04 / VNS14NV04
DIM.
mm.
MIN.
TYP
MAX.
A
2.20
2.40
A1
0.90
1.10
A2
0.03
0.23
B
0.64
0.90
B2
5.20
5.40
C
0.45
0.60
C2
0.48
0.60
D
6.00
6.20
D1
5.1
E
6.40
6.60
E1
4.7
e2.28
G
4.40
4.60
H
9.35
10.10
L2
0.8
L4
0.60
1.00
R0.2
V2
0°
8°
Package Weight
Gr. 0.29
TO-252 (DPAK) MECHANICAL DATA
P032P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com