Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VNV10N07 Datasheet(PDF) 13 Page - STMicroelectronics

Part # VNV10N07
Description  O"MNIFET”: FULLY AUTOPROTECTED POWER MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNV10N07 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VNV10N07 Datasheet HTML 6Page - STMicroelectronics VNV10N07 Datasheet HTML 7Page - STMicroelectronics VNV10N07 Datasheet HTML 8Page - STMicroelectronics VNV10N07 Datasheet HTML 9Page - STMicroelectronics VNV10N07 Datasheet HTML 10Page - STMicroelectronics VNV10N07 Datasheet HTML 11Page - STMicroelectronics VNV10N07 Datasheet HTML 12Page - STMicroelectronics VNV10N07 Datasheet HTML 13Page - STMicroelectronics VNV10N07 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
3.35
3.65
0.132
0.144
A1
0.00
0.10
0.000
0.004
B
0.40
0.60
0.016
0.024
c
0.35
0.55
0.013
0.022
D
9.40
9.60
0.370
0.378
D1
7.40
7.60
0.291
0.300
E
9.30
9.50
0.366
0.374
E1
7.20
7.40
0.283
0.291
E2
7.20
7.60
0.283
0.300
E3
6.10
6.35
0.240
0.250
E4
5.90
6.10
0.232
0.240
e
1.27
0.050
F
1.25
1.35
0.049
0.053
H
13.80
14.40
0.543
0.567
h
0.50
0.002
L
1.20
1.80
0.047
0.071
q
1.70
0.067
α
0
o
8
o
DETAIL ”A”
PLANE
SEATING
α
L
A1
F
A1
h
A
D
D1
==
==
E4
0.10 A
E1
E3
C
Q
A
B
B
DETAIL ”A”
SEATING
PLANE
E2
6
10
5
1
eB
HE
M
0.25
0068039-C
PowerSO-10 MECHANICAL DATA
VNB10N07-VNK10N07FM-VNP10N07FI-VNV10N07
13/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com