Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VND600SP13TR Datasheet(PDF) 3 Page - STMicroelectronics

Part # VND600SP13TR
Description  DOUBLE CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND600SP13TR Datasheet(HTML) 3 Page - STMicroelectronics

  VND600SP13TR Datasheet HTML 1Page - STMicroelectronics VND600SP13TR Datasheet HTML 2Page - STMicroelectronics VND600SP13TR Datasheet HTML 3Page - STMicroelectronics VND600SP13TR Datasheet HTML 4Page - STMicroelectronics VND600SP13TR Datasheet HTML 5Page - STMicroelectronics VND600SP13TR Datasheet HTML 6Page - STMicroelectronics VND600SP13TR Datasheet HTML 7Page - STMicroelectronics VND600SP13TR Datasheet HTML 8Page - STMicroelectronics VND600SP13TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3/18
VND600SP
THERMAL DATA
(1) When mounted on a standard single-sided FR-4 board with 0.5cm2 of Cu (at least 35
µm thick).
(2) When mounted on a standard single-sided FR-4 board with 6 cm2 of Cu (at least 35
µm thick).
ELECTRICAL CHARACTERISTICS (8V<VCC<36V; -40°C<Tj<150°C; unless otherwise specified)
(Per each channel)
POWER
(**) Per device.
PROTECTIONS (see note 1)
Note 1: To ensure long term reliability under heavy overload or short circuit conditions, protection and related diagnostic signals must be used
together with a proper software strategy. If the device is subjected to abnormal conditions, this software must limit the duration and number
of activation cycles.
VCC - OUTPUT DIODE
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
(MAX)
1.3
°C/W
Rthj-amb
Thermal resistance junction-ambient
(MAX)
51.3 (1)
37 (2)
°C/W
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VCC (**)
Operating supply voltage
5.5
13
36
V
VUSD (**)
Undervoltage shutdown
3
4
5.5
V
VOV (**)
Overvoltage shutdown
36
V
RON
On state resistance
IOUT=5A; Tj=25°C
IOUT=5A; Tj=150°C
IOUT=3A; VCC=6V
30
60
100
m
Ω
m
Ω
m
Ω
Vclamp
Clamp Voltage
ICC=20mA (see note 1)
41
48
55
V
IS (**)
Supply current
Off State; VCC=13V; VIN=VOUT=0V
Off State; VCC=13V; VIN=VOUT=0V; Tj=25°C
On state; VIN=5V; VCC=13V; IOUT=0A;
RSENSE=3.9kΩ
12
12
40
25
6
µA
µA
mA
IL(off1)
Off State Output Current
VIN=VOUT=0V
0
50
µA
IL(off2)
Off State Output Current
VIN=0V; VOUT=3.5V
-75
0
µA
IL(off3)
Off State Output Current
VIN=VOUT=0V; VCC=13V; Tj =125°C
5
µA
IL(off4)
Off State Output Current
VIN=VOUT=0V; VCC=13V; Tj =25°C
3
µA
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Ilim
DC short circuit current
VCC=13V
5.5V<VCC<36V
25
40
70
70
A
A
TTSD
Thermal shut-down
temperature
150
175
200
°C
TR
Thermal reset temperature
135
°C
THYST
Thermal hysteresis
7
15
°C
Vdemag
Turn-off output voltage
clamp
IOUT=2A; VIN=0V; L=6mH
VCC-41 VCC-48 VCC-55
V
VON
Output voltage drop
limitation
IOUT=0.5A
Tj= -40°C...+150°C
50
mV
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VF
Forward on Voltage
-IOUT=2.6A; Tj=150°C
0.6
V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com