Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATA6842-PLSW Datasheet(PDF) 12 Page - ATMEL Corporation

Part # ATA6842-PLSW
Description  Automotive Failsafe System IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6842-PLSW Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button ATA6842-PLSW Datasheet HTML 8Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 9Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 10Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 11Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 12Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 13Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 14Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 15Page - ATMEL Corporation ATA6842-PLSW Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
12
4964B–AUTO–07/07
ATA6842
7
V5A Auxiliary Linear Regulator
7.1 Output voltage
I(V5A) = –30 mA to 0 mA,
ß(NPN) > 200,
Uce,sat(NPN) < 1V,
Ube(NPN) < 0.8V at –40°C,
U
be(NPN) < 0.7V at 27°C,
U
be(NPN) < 0.6V at 105°C
V5A
V5A
4.65
5
5.35
V
A
7.2 Line regulation
V12 = 8V to 18V,
I(V5A) = –30 mA
V5A
V5A
lir
–10
+10
mV
A
7.3 Load regulation
V12 = 14V,
I(V5A) = –10 mA to –30 mA
V5A
V5A
lor
–20
+20
mV
A
7.4 Minimum capacitor
V5A
CV5A
3.3
10
µF
C
7.5 Minimum capacitor
V5A
ESR,V5A
0.5
10
Ω
C
7.6
Lower threshold
undervoltage
RESAN = low
V5A
VtU(V5A)
low
4V
A
7.7
Upper threshold
undervoltage
RESAN = high
V5A
VtU(V5A)
high
4.6
V
A
7.8
Lower threshold
overvoltage
RESAN = high
V5A
VtO(V5A)
low
5.4
V
A
7.9
Upper threshold
overvoltage
RESAN = low
V5A
VtO(V5A)
high
6V
A
7.10
Hysteresis under/
overvoltage
V5A
Vt(V5A)
hys
50
200
mV
A
7.11
Under/overvoltage
filter time
Not in standby mode
V5A
tfi(V5A)
8
30
µs
A
7.12 Short circuit current
V(B5A) = 0V
B5A
Isc(B5A)
0.3
1.5
mA
A
7.13 Pull-down resistor
V(B5A) = 1V
B5A
Rpd(B5A)
50
250
k
Ω
A
7.14 Pull-down current
V(B5A) = 6V
B5A
Ipd(B5A)
10
50
µA
A
7.15
Saturation voltage
high
Vs(B5A) = V12 – V(B5A),
V12 = 5.8V to 6.5V,
I(B5A) = –150 µA
T
j = –40°C
Tj = 27°C
Tj = 105°C
B5A
Vs(B5A)
hi
0.35
0.45
0.55
V
V
V
A
5.
Electrical Characteristics (Continued)
Operating conditions: V12 = 6.5V to 26V, V5 = 5V ±3%, RREF = 10 k
Ω ±2%, T
j = –40°C to 150°C, unless otherwise specified.
No. Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter
Note:
1. Reduced operation mode means either
- RDSON of drivers could be higher than specified or
- Voltage at pin TCFET could be beyond specified limits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com