Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT25010A Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT25010A
Description  SPI Automotive Temperature Serial EEPROMs 1K (128 x 8) 2K (256 x 8) 4K (512 x 8)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25010A Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT25010A Datasheet HTML 7Page - ATMEL Corporation AT25010A Datasheet HTML 8Page - ATMEL Corporation AT25010A Datasheet HTML 9Page - ATMEL Corporation AT25010A Datasheet HTML 10Page - ATMEL Corporation AT25010A Datasheet HTML 11Page - ATMEL Corporation AT25010A Datasheet HTML 12Page - ATMEL Corporation AT25010A Datasheet HTML 13Page - ATMEL Corporation AT25010A Datasheet HTML 14Page - ATMEL Corporation AT25010A Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
AT25010A/020A/040A
5087D–SEEPR–3/07
Figure 8. READ Timing
Figure 9. WRITE Timing
Figure 10. HOLD Timing
CS
SCK
012
3
4567
8
9 10111213 14
SI
INSTRUCTION
SO
7654
3
210
DATA IN
HIGH IMPEDANCE
15 16 17 18 19 20 21 22
8
0
1
2
3
4
5
6
7
9TH BIT OF ADDRESS
23
BYTE ADDRESS
SO
SCK
HOLD
CS
tCD
tHD
tHZ
tHD
tCD
tLZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com