Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC4612HSTRT Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC4612HSTRT
Description  40V Synchronous Buck Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4612HSTRT Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC4612HSTRT Datasheet HTML 12Page - Semtech Corporation SC4612HSTRT Datasheet HTML 13Page - Semtech Corporation SC4612HSTRT Datasheet HTML 14Page - Semtech Corporation SC4612HSTRT Datasheet HTML 15Page - Semtech Corporation SC4612HSTRT Datasheet HTML 16Page - Semtech Corporation SC4612HSTRT Datasheet HTML 17Page - Semtech Corporation SC4612HSTRT Datasheet HTML 18Page - Semtech Corporation SC4612HSTRT Datasheet HTML 19Page - Semtech Corporation SC4612HSTRT Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
16
© 2008 Semtech Corp.
www.semtech.com
SC4612H
POWER MANAGEMENT
Application Information (Cont.)
Application Circuit 2: Vin = 12V; Vout = 3.3V @ 10A, Fsw = 1MHz
Vin=12V, Vout_nom=3.3V, Fsw=1MHz
60%
65%
70%
75%
80%
85%
90%
95%
100%
0
1
2
3
4
5
6
7
8
9
10
Current, (A)
Q1
Q2
L1
1uH
C8
0.1
C10
680/4V
+
_
+
_
Vin=12V
V out=3.3@10A
R2
13.7k
R4
3.83k
C5
1
R1
adj
C1
82p
C9
C2
0.1
R5
21.5k
C3
2.7n
D1
MBR0520
C7
2.2
C4
1n
ILIM
1
PHASE
12
OSC
2
SS/EN
3
FB
5
VDD
6
GND
7
DL
8
DRV
9
BST
10
DH
11
EAO
4
U1
SC4612MLP
R3
10
R6
267
C6
1.2n
C11
10
Fsw=1000k Hz
C12
220/ 16V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com