Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AA1700 Datasheet(PDF) 2 Page - Agamem Microelectronic Inc.

Part # AA1700
Description  Constant Current White LED driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGAMEM [Agamem Microelectronic Inc.]
Direct Link  http://www.agamem.com.tw/
Logo AGAMEM - Agamem Microelectronic Inc.

AA1700 Datasheet(HTML) 2 Page - Agamem Microelectronic Inc.

  AA1700 Datasheet HTML 1Page - Agamem Microelectronic Inc. AA1700 Datasheet HTML 2Page - Agamem Microelectronic Inc. AA1700 Datasheet HTML 3Page - Agamem Microelectronic Inc. AA1700 Datasheet HTML 4Page - Agamem Microelectronic Inc. AA1700 Datasheet HTML 5Page - Agamem Microelectronic Inc. AA1700 Datasheet HTML 6Page - Agamem Microelectronic Inc. AA1700 Datasheet HTML 7Page - Agamem Microelectronic Inc. AA1700 Datasheet HTML 8Page - Agamem Microelectronic Inc. AA1700 Datasheet HTML 9Page - Agamem Microelectronic Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Agamem Microelectronics Inc.
AA1700
PRELIMINARY
Constant Current White LED driver
©Copyright Agamem Microelectronics Inc.
www.agamem.com.tw
2007/1/22
2
■PIN DESCRIPTIONS
Pin No.
Symbol
I/O
Description
1
IN
I
Output voltage feedback pin
2
SP
Soft start and short circuit protection setting
3
VCC
Power supply pin
4
CTL
I
ON/OFF control pin
5
P0
O
Output driver pin
6
GND
Ground pin
7
CLK
Internal PWM frequency setting pin
8
ER
O
Error amplifier output pin
■BLOCK DIAGRAM
4
2
1
5
6
7
3
P0
GND
CLK
ER
IN
SP
Vcc
CTL
PWM
COMP.
Regulator
Oscillator
Output driver
Soft start
short circuit protection
8
0.1V
0.6V
0.5V
-
+
+
+
-
+
Error
Amp.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com