Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMP0417AA8-I Datasheet(PDF) 2 Page - FIDELIX

Part # CMP0417AA8-I
Description  256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMP0417AA8-I Datasheet(HTML) 2 Page - FIDELIX

  CMP0417AA8-I Datasheet HTML 1Page - FIDELIX CMP0417AA8-I Datasheet HTML 2Page - FIDELIX CMP0417AA8-I Datasheet HTML 3Page - FIDELIX CMP0417AA8-I Datasheet HTML 4Page - FIDELIX CMP0417AA8-I Datasheet HTML 5Page - FIDELIX CMP0417AA8-I Datasheet HTML 6Page - FIDELIX CMP0417AA8-I Datasheet HTML 7Page - FIDELIX CMP0417AA8-I Datasheet HTML 8Page - FIDELIX CMP0417AA8-I Datasheet HTML 9Page - FIDELIX  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CMP0417AA8-I
CMOS LPRAM
Revision 0.3
Sep. 2006
2
256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
PIN DESCRIPTION
1
2
3
4
5
6
A
B
C
D
E
F
G
H
/LB
/OE
A0
A1
A2
I/O9
/UB
A3
A4
/CS
I/O10
I/O11
A5
A6
I/O2
VSS
I/O12
A17
A7
I/O4
VCCQ
I/O13
DNU
A16
I/O5
I/O15
I/O14
A14
A15
I/O6
I/O16
NC
A12
A13
/WE
NC
A8
A9
A10
A11
NC
I/O1
I/O3
VCC
VSS
I/O7
I/O8
NC
48-FBGA : Top View(Ball Down)
Do Not Use
DNU
No Connection
NC
Core Power
VCC
Chip Select Input
/CS
Lower Byte(I/O 1~8)
/LB
Data Inputs/Outputs
I/O1~I/O16
Upper Byte(I/O9~16)
/UB
Address Inputs
A0~A17
Ground
VSS
Write Enable Input
/WE
I/O Power
VCCQ
Output Enable Input
/OE
Function
Name
Function
Name
FEATURES
• Process Technology : Full CMOS
• Organization : 256K x 16
• Power Supply Voltage : 2.7~3.3V
• Three state output and TTL Compatible
• Package Type : 48-FBGA-6.00x8.00 mm2
• Separated I/O power(VCCQ) & Core Power(VCC)
• Automatic power-down when deselected
PRODUCT FAMILY
ISB1
(CMOS Standby
Current)
ICC2
ICC1
Max.
Typ.
20mA
Max.
Typ.
Max.
Typ.
Min.
70uA
3.0
Typ.
Max.
30uA
12mA
3mA
1.5mA
70ns
3.3
2.7
Industrial
(-40~85’C)
CMP0417AA8-F70I
Operating
Voltage (V)
f = fmax
f = 1MHz
Power Dissipation
Speed
Operating
Temperature
Product Family
FUNCTIONAL BLOCK DIAGRAM
Precharge circuit.
Clk gen.
VCC
VSS
Memory array
Row
Addresses
I/O Circuit
Column select
Data
cont
Data
cont
Column Addresses
Data
cont
Control Logic
/CS1
/OE
/WE
/UB
/LB
I/O9~I/O16
I/O1~I/O8
Row
select
1. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at Vcc = Vcc (typ) and T
A = 25C.
2. F=FBGA, G=FBGA(Pb-Free), H=FBGA(Pb-Free & Halogen Free), W=WAFER



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com