Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATSAM2195 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATSAM2195
Description  Audio Processing
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM2195 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATSAM2195 Datasheet HTML 1Page - ATMEL Corporation ATSAM2195 Datasheet HTML 2Page - ATMEL Corporation ATSAM2195 Datasheet HTML 3Page - ATMEL Corporation ATSAM2195 Datasheet HTML 4Page - ATMEL Corporation ATSAM2195 Datasheet HTML 5Page - ATMEL Corporation ATSAM2195 Datasheet HTML 6Page - ATMEL Corporation ATSAM2195 Datasheet HTML 7Page - ATMEL Corporation ATSAM2195 Datasheet HTML 8Page - ATMEL Corporation ATSAM2195 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Features
Single Chip All-in-one Design
– MIDI Control Processor, Serial and Parallel Interface
– Synthesis, General MIDI Wavetable Implementation
– General MIDI Compatible Effects: Reverb + Chorus
– Spatial Effect
– 4-band Stereo Equalizer
– Stereo DAC. DR: 86 dB min, THD+N: -80 dB max
State of the art Synthesis for Products Providing Best Quality for Price
– 64-voice Polyphony (without effects)
– 38-voice Polyphony + Effects
– On-chip CleanWaveWavetable Data, Firmware, RAM Delay Lines
Audio Stereo Line Output
Typical Applications: Battery Operated Musical Keyboards, Portable Phones, Karaokes
QFN44 (7mm x 7mm) Package: Small Footprint, Small Pin Count
Low Power
– 75 mW typ. Operating
– Single 3.3V or Single 1.8V Power Supply
– Built-in Power Switch and 3.3V to 1.8V Regulator
1.
Typical Hardware Configuration
Figure 1-1.
Typical Hardware Configuration
ATSAM2195
MIDI In
Parallel MIDI
Audio
OUT
Audio
Processing
ATSAM2195
Low-power
Single Chip
Synthesizer
with Effects
6308A–DRMSD–10-May-07


Similar Part No. - ATSAM2195

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM2193 ATMEL-ATSAM2193 Datasheet
130Kb / 14P
Sound Synthesis
ATSAM2193-G ATMEL-ATSAM2193-G Datasheet
130Kb / 14P
Sound Synthesis
More results

Similar Description - ATSAM2195

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCPC1353 UTC-UTCPC1353 Datasheet
52Kb / 4P
TV AUDIO PROCESSING CIRCUIT
logo
Linear Integrated Syste...
PC1353 LINEAR-PC1353 Datasheet
55Kb / 4P
TV AUDIO PROCESSING CIRCUIT
logo
ATMEL Corporation
ATSAM3308B ATMEL-ATSAM3308B Datasheet
358Kb / 27P
Audio Processing
ATSAM3108B ATMEL-ATSAM3108B Datasheet
309Kb / 23P
Audio Processing
ATSAM3703 ATMEL-ATSAM3703 Datasheet
444Kb / 36P
Audio Processing
ATSAM2533 ATMEL-ATSAM2533 Datasheet
506Kb / 19P
Audio Processing
logo
Unisonic Technologies
PC1353 UTC-PC1353_15 Datasheet
97Kb / 5P
TV AUDIO PROCESSING CIRCUIT
logo
ON Semiconductor
ENA2171A ONSEMI-ENA2171A Datasheet
199Kb / 20P
Audio Processing System LSI
January, 2014
LC823433TA ONSEMI-LC823433TA Datasheet
224Kb / 20P
Audio Processing System LSI
May 2015 - Rev. 1
logo
VLSI Solution Oy
VS1005G VLSI-VS1005G Datasheet
2Mb / 118P
Audio Processing Platform IC
Version: 0.63, 2014-12-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com