Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMS3232LAG Datasheet(PDF) 13 Page - FIDELIX

Part # CMS3232LAG
Description  32M(1Mx32) Low Power SDRAM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMS3232LAG Datasheet(HTML) 13 Page - FIDELIX

Back Button CMS3232LAG Datasheet HTML 9Page - FIDELIX CMS3232LAG Datasheet HTML 10Page - FIDELIX CMS3232LAG Datasheet HTML 11Page - FIDELIX CMS3232LAG Datasheet HTML 12Page - FIDELIX CMS3232LAG Datasheet HTML 13Page - FIDELIX CMS3232LAG Datasheet HTML 14Page - FIDELIX CMS3232LAG Datasheet HTML 15Page - FIDELIX CMS3232LAG Datasheet HTML 16Page - FIDELIX CMS3232LAG Datasheet HTML 17Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
Rev0.2, Jan. 2007
CMS3232LAx-75xx
Note :
13. CKE is HIGH for all commands shown except SELF REFRESH.
14. A0-A10 define the op-code written to the mode register.
15. A0-A10 provide row address, and BS determine which bank is made active.
16. A0-A7 provide column address; A10 HIGH enables the auto precharge feature (non-persistent), while A10 LOW disables the auto precharge feature; BS determine which
bank is being read from or written to.
17. A10 LOW: BS determine the bank being precharged. A10 HIGH: All banks precharged and BS is “Don’t Care.”
18. This command is AUTO REFRESH if CKE is HIGH, SELF REFRESH if CKE is LOW.
19. Internal refresh counter controls row addressing; all inputs and I/Os are “Don’t Care” except for CKE.
20. Activates or deactivates the DQs during WRITEs (zero-clock delay) and READs (two-clock delay).
DQM0 controls DQ 0-7, DQM1 controls DQ 8-15, DQM2 controls DQ 16-23 and DQM3 controls DQ 24-31.
Table 6. Commands[13.14.15.16.17.18.19.20.].
Commands
Table 6. provides a reference of all the commands available
with the state of the control signals for executing a specific
command.
COMMAND INHIBIT
The COMMAND INHIBIT function effectively deselects the
SDRAM by preventing new commands from being executed by
the SDRAM, regardless of whether the CLK signal is enabled.
Operations already in progress are not affected.
LOAD MODE REGISTER
The mode register is loaded via inputs A0-A10, BS. The
LOAD MODE REGISTER and LOAD EXTENDED MODE
REGISTER comm ands can only be issued wh e n all
banks are idle, and a subsequent executable command cannot
be issued until tMRD is met. Table 1. and Table 4. provide the
definition for the Mode Register and Extended Mode Register.
NO OPERATION (NOP)
The NO OPERATION (NOP) command is used to perform a
NOP to an SDRAM which is selected (/CS is LOW). This pre-
vents unwanted commands from being registered during idle
or wait states. Operations already in progress are not affected.
ACTIVE
The ACTIVE command is used to activate a row in a particular
bank for a subsequent access. The value on the BS inputs
selects the bank, and the address provided on inputs
A0-A10 selects the row. This row remains active for accesses
until a PRECHARGE command is issued to that bank. A
PRECHARGE command must be issued before opening a
different row in the same bank.
READ
READ command is used to initiate a burst read access to an
active row. The value on the BS inputs selects the bank,
and the address provided on inputs A0-A7 selects the starting
column location. The value on input A10 determines whether or
not auto precharge is used. If auto precharge is selected, the
row being accessed will be precharged at the end of the READ
burst. If auto precharge is not selected, the row will remain
open for subsequent accesses. Read data appears on the DQs
subject to the logic level on the DQM inputs two clocks earlier. If
a given DQM signal was registered HIGH, the corresponding
DQs will be High-Z two clocks later; if the DQM signal was
registered LOW, the DQs will provide valid data.
WRITE
The WRITE command is used to initiate a burst write access
to an active row. The value on the BS inputs selects the
bank, and the address provided on inputs A0-A7 selects the
starting column location. The value on input A10 determines
whether or not auto precharge is used. If auto precharge is
selected, the row being accessed will be precharged at the end
of the WRITE burst. If auto precharge is not selected, the row
will remain open for subsequent accesses. Input data appearing
on the DQs is written to the memory array subject to the DQM
input logic level appearing coincident with the data. If a given
DQM signal is registered LOW, the corresponding data will be
written to memory; if the DQM signal is registered HIGH, the
corresponding data inputs will be ignored, and a WRITE will not
be executed to that byte/column location.
PRECHARGE
The PRECHARGE command is used to deactivate the active
row in a particular bank or the active row in all banks. The
bank(s) will be available for a subsequent row access a spec-
ified time (tRP) after the PRECHARGE command is issued.
Input A10 determines whether one or all banks are to be pre-
charged, and in the case where only one bank is to be pre-
charged, inputs BS select the bank. Otherwise BS is treated as
“Don’t Care.” Once a bank has been pre-charged, it is in the
idle state and must be activated prior to any READ or WRITE
commands being issued to that bank.
AUTO PRECHARGE
AUTO PRECHARGE is accomplished by using A10 to enable
auto precharge in conjunction with a specific READ or WRITE
command. AUTO PRECHARGE thus performs the same
PRECHARGE command described above , without requiring an
explicit command. A PRECHARGE of the bank/row that is
addressed with the READ or WRITE command is automatically
performed upon completion of the READ or WRITE burst.
AUTO PRECHARGE does not apply in the full page mode burst.
Auto precharge is nonpersistent in that it is either enabled or
disabled for each individual READ or WRITE command.
Auto precharge ensures that the precharge is initiated at the
earliest valid stage within a burst. The user must not issue
another command to the same bank until the precharge time
(tRP) is completed.
BURST TERMINATE
The BURST TERMINATE command is used to truncate either
fixed-length or full-page bursts. The most recently registered
READ or WRITE command prior to the BURST TERMINATE
command will be truncated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com