Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CMS3232LAH Datasheet(PDF) 18 Page - FIDELIX

Part # CMS3232LAH
Description  32M(1Mx32) Low Power SDRAM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMS3232LAH Datasheet(HTML) 18 Page - FIDELIX

Back Button CMS3232LAH Datasheet HTML 14Page - FIDELIX CMS3232LAH Datasheet HTML 15Page - FIDELIX CMS3232LAH Datasheet HTML 16Page - FIDELIX CMS3232LAH Datasheet HTML 17Page - FIDELIX CMS3232LAH Datasheet HTML 18Page - FIDELIX CMS3232LAH Datasheet HTML 19Page - FIDELIX CMS3232LAH Datasheet HTML 20Page - FIDELIX CMS3232LAH Datasheet HTML 21Page - FIDELIX CMS3232LAH Datasheet HTML 22Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
Rev0.2, Jan. 2007
CMS3232LAx-75xx
AC Characteristics
tCK
1
tROH(1)
CL=1
tCK
2
tROH(2)
CL=2
tCK
3
tROH(3)
CL=3
Data-out to high-impedance from PRECHARGE command[38.]
tCK
2
tMRD
LOAD MODE REGISTER command to ACTIVE or REFRESH command[42.]
tCK
2
tRDL
Last data-in to PRECHARGE command[41.]
tCK
1
tCDL
Last data-in to new READ/WRITE command[38.]
Max
Min
Parameter
Units
-75
Symbol
AC Characteristics
Note :
33. The clock frequency must remain constant (stable clock is defined as a signal cycling within timing constraints specified for the clock pin) during access or precharge states
(READ, WRITE, including tWR, and PRECHARGE commands). CKE may be used to reduce the data rate.
34. AC characteristics assume tT = 1ns.
35. Auto precharge mode only.
36. Precharge mode only.
37. CLK must be toggled a minimum of two times during this period.
38. Required clocks are specified by JEDEC functionality and are not dependent on any timing parameter.
39. Timing actually specified by tCKS; clock(s) specified as a reference only at minimum cycle rate.
40. Timing actually specified by tWR plus tRP; clock(s) specified as a reference only at minimum cycle rate.
41. Timing actually specified by tWR.
42. JEDEC and PC100 specify three clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com