Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72372J4T1 Datasheet(PDF) 20 Page - STMicroelectronics

Part # ST72372J4T1
Description  8-BIT MCUs WITH 16K ROM/OTP/EPROM,512 BYTES RAM, ADC, DAC (PWM), TIMER, I2C AND SCI
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72372J4T1 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ST72372J4T1 Datasheet HTML 16Page - STMicroelectronics ST72372J4T1 Datasheet HTML 17Page - STMicroelectronics ST72372J4T1 Datasheet HTML 18Page - STMicroelectronics ST72372J4T1 Datasheet HTML 19Page - STMicroelectronics ST72372J4T1 Datasheet HTML 20Page - STMicroelectronics ST72372J4T1 Datasheet HTML 21Page - STMicroelectronics ST72372J4T1 Datasheet HTML 22Page - STMicroelectronics ST72372J4T1 Datasheet HTML 23Page - STMicroelectronics ST72372J4T1 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 94 page
background image
20/94
ST72371/ST72372
INTERRUPTS (Cont’d)
Table 7. Interrupt Mapping
* Many flags can cause an interrupt: see peripheral interrupt status register description.
Source
Block
Description
Register
Label
Flag
Exit
from
HALT
Vector
Address
Priority
Order
RESET
Reset
N/A
N/A
yes
FFFEh-FFFF h
TRAP
Software Interrupt
N/A
N/A
no
FFFCh-FFFDh
NOT USED
NOT USED
FFFAh-FFFB h
FFF8h-FFF9h
EI3
Ext. Interrupt PD7, rising edge
ITRFRE
EI3F
yes
FFF6h-FFF7h
EI2
Ext. Interrupt PD3, falling edge
ITRFRE
EI2F
FFF4h-FFF5h
EI1
Ext. Interrupt PD4, falling edge
ITRFRE
EI1F
FFF2h-FFF3h
EI0
Ext. Interrupt PD5, falling edge
ITRFRE
EI0F
FFF0h-FFF1h
EI4
Ext. Interrupt PC2, falling edge
MISCR
EI4F
FFEEh-FFEF h
NOT USED
FFECh-FFEDh
TIMER
Input Capture 1
TIMSR
ICF1
no
FFEAh-FFEBh
Input Capture 2
ICF2
Output Compare 1
OCF1
FFE8h-FFE9h
Output Compare 2
OCF2
Timer Overflow
TOF
FFE6h-FFE7h
I2C
I2C Interface Interrupt
I2CSR1
I2CSR2
*
FFE4h-FFE5h
SCI
Transmit Buffer Empty
SCISR
TDRE
FFE2h-FFE3h
Transmit Complete
TC
Receive Buffer Full
RDRF
Idle Line Detect
IDLE
Overrun
OR
NOT USED
FFE0h-FFE1h
Highest
Priority
Priority
Lowest



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com