Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TUSB6020PFCRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TUSB6020PFCRG4
Description  USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6020PFCRG4 Datasheet(HTML) 2 Page - Texas Instruments

  TUSB6020PFCRG4 Datasheet HTML 1Page - Texas Instruments TUSB6020PFCRG4 Datasheet HTML 2Page - Texas Instruments TUSB6020PFCRG4 Datasheet HTML 3Page - Texas Instruments TUSB6020PFCRG4 Datasheet HTML 4Page - Texas Instruments TUSB6020PFCRG4 Datasheet HTML 5Page - Texas Instruments TUSB6020PFCRG4 Datasheet HTML 6Page - Texas Instruments TUSB6020PFCRG4 Datasheet HTML 7Page - Texas Instruments TUSB6020PFCRG4 Datasheet HTML 8Page - Texas Instruments TUSB6020PFCRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION
8 bit
@ 60 MHz
Central
Resource
Switch
TUSB6020
3.3 V
1.5 V
sys_clk
Digital Core
Power Distribution
IO Power
Distribution
Power/Reset/Clock
Management
(PRCM)
GPIO
CPPI 3.0
DMA
3.3 V
1.5 V
USB 2.0
PHY Macro
OTG Analog
PLL
USB 2.0 Dual Role OTG
Controller IP Core
USB EP Buffer RAM
(16k x 8)
DMA State RAM
(DMA FIFOs)
Interrupt
Controller
XFER RAM
1.8 V
1.5 V
GPIO
5 V VBus
ID
DP/DM
XI/CLKIN
RSTn
SLEEP
3.3 V
VLYNQ_CLK
VLYNQ_CLKRUN
VLYNQ_TXD[3:0]
VLYNQ_RXD[3:0]
VLYNQ
Interface
(Ext Host Interface)
TUSB6020
USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
SCPS170E – JANUARY 2007 – REVISED MARCH 2008
The TUSB6020 is a USB 2.0 high-speed, on-the-go (OTG) dual-role controller designed for a seamless interface
to the VLYNQ serial interface, and is ideal for a wide range of applications. The USB OTG dual-role controller
can operate either as a function controller for a USB peripheral or as the host/peripheral in point-to-point or
multipoint communications with other functions. The integrated USB 2.0 PHY provides one-port operation at low
speed (1.5 Mbps), full speed (12 Mbps), and high speed (480 Mbps). The VLYNQ serial interface is a low pin
count, high-speed, point-to-point interface.
The device is fully compliant with Universal Serial Bus Specification Revision 2.0 and On-the-Go Supplement to
the USB Specification Revision 1.3.
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
MicroStar BGA™ – ZQE
Reel of 360
TUSB6020ZQE
PREVIEW
0
°C to 70°C
TQFP – PFC
Tube of 96
TUSB6020PFC
PREVIEW
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
BLOCK DIAGRAM
2
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): TUSB6020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com