Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WS27C256L Datasheet(PDF) 1 Page - STMicroelectronics

Part # WS27C256L
Description  Military 32K x 8 CMOS EPROM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WS27C256L Datasheet(HTML) 1 Page - STMicroelectronics

  WS27C256L Datasheet HTML 1Page - STMicroelectronics WS27C256L Datasheet HTML 2Page - STMicroelectronics WS27C256L Datasheet HTML 3Page - STMicroelectronics WS27C256L Datasheet HTML 4Page - STMicroelectronics WS27C256L Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT SELECTION GUIDE
PARAMETER
WS27C256L-12
WS27C256L-15
WS27C256L-20
Address Access Time (Max)
120 ns
150 ns
200 ns
Chip Select Time (Max)
120 ns
150 ns
200 ns
Output Enable Time (Max)
35 ns
40 ns
40 ns
WS27C256L
TOP VIEW
Chip Carrier
CERDIP
PIN CONFIGURATION
4-19
Military 32K x 8 CMOS EPROM
KEY FEATURES
• High Performance CMOS
• Ceramic Leadless Chip Carrier (CLLCC)
— 120 ns Access Time
• EPI Processing
• Fast Programming
— Latch-Up Immunity to 200 mA
• DESC SMD No. 5962-86063
— ESD Protection Exceeds 2000 Volts
• 300 Mil DIP or Standard 600 Mil DIP
• JEDEC Standard Pin Configuration
GENERAL DESCRIPTION
The WS27C256L is a performance oriented 256K UV Erasable Electrically Programmable Read Only Memory
organized as 32K words x 8 bits/word. It is manufactured using an advanced CMOS technology which enables it to
operate at speeds up to 120 nsecs. The memory was designed utilizing WSI's patented self-aligned split gate
EPROM cell, resulting in a low power device with a very cost effective die size.
The WS27C256L 256K EPROM provides 32K of 8 bit wide code store capacity for DSP, microprocessor, and
microcontroller-based systems. Its 120 nsec access time over the full Military temperature range provides the
potential of no-wait state operation. And where this parameter is important, the WS27C256L provides the user with
a very fast 35 nsec TOE output enable time.
The WS27C256L is offered in a 28 pin 300 mil skinny CERDIP or the standard 600 mil CERDIP, and also in a
32 pad Ceramic Leadless Chip Carrier (CLLCC) for surface mount applications. All packages incorporate the
standard JEDEC EPROM pinout.
A8
A9
A11
NC
OE
A10
CE/PGM
O7
O6
A6
A5
A4
A3
A2
A1
A0
NC
O0
O1 O2
NC O3 O4 O5
1
43
2
32 31 30
29
28
27
26
25
24
23
22
21
5
6
7
8
9
10
11
12
13
14 15 16 17 18 19 20
VCC
A14
A13
A8
A9
A11
OE
A10
CE/PGM
O7
O6
O5
O4
O3
VPP
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
Return to Main Menu


Similar Part No. - WS27C256L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS27C010L STMICROELECTRONICS-WS27C010L Datasheet
48Kb / 5P
Military 128K x 8 CMOS EPROM
WS27C010L-12CMB STMICROELECTRONICS-WS27C010L-12CMB Datasheet
48Kb / 5P
Military 128K x 8 CMOS EPROM
WS27C010L-12DMB STMICROELECTRONICS-WS27C010L-12DMB Datasheet
48Kb / 5P
Military 128K x 8 CMOS EPROM
WS27C010L-15CMB STMICROELECTRONICS-WS27C010L-15CMB Datasheet
48Kb / 5P
Military 128K x 8 CMOS EPROM
WS27C010L-15DMB STMICROELECTRONICS-WS27C010L-15DMB Datasheet
48Kb / 5P
Military 128K x 8 CMOS EPROM
More results

Similar Description - WS27C256L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS27C010L STMICROELECTRONICS-WS27C010L Datasheet
48Kb / 5P
Military 128K x 8 CMOS EPROM
WS57C256F-1 STMICROELECTRONICS-WS57C256F-1 Datasheet
19Kb / 2P
MILITARY HIGH SPEED 32K x 8 CMOS EPROM
WS57C256F STMICROELECTRONICS-WS57C256F Datasheet
49Kb / 5P
HIGH SPEED 32K x 8 CMOS EPROM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
256K 32K x 8 OTP CMOS EPROM
logo
Macronix International
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
256K-BIT [32K x 8] CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
256K (32K x 8) CMOS EPROM
1996
27LV256 MICROCHIP-27LV256 Datasheet
64Kb / 12P
256K (32K x 8) Low-Voltage CMOS EPROM
1996
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
32K x 8-Bit CMOS EPROM
August 1994
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
256K (32K x 8) CMOS EPROM
2004
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com