Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WS57C256F Datasheet(PDF) 1 Page - STMicroelectronics

Part # WS57C256F
Description  MILITARY HIGH SPEED 32K x 8 CMOS EPROM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WS57C256F Datasheet(HTML) 1 Page - STMicroelectronics

  WS57C256F Datasheet HTML 1Page - STMicroelectronics WS57C256F Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT SELECTION GUIDE
PARAMETER
WS57C256F-55
WS57C256F-70
Address Access Time (Max)
55 ns
70 ns
Output Enable Time (Max)
25 ns
30 ns
WS57C256F
VCC
A14
A13
A8
A9
A11
OE
A10
CE/PGM
O7
O6
O5
O4
O3
VPP
A12
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A8
A9
A11
NC
OE
A10
CE/PGM
O7
O6
A6
A5
A4
A3
A2
A1
A0
NC
O0
O1 O2
NC O3 O4 O5
1
43
2
32 31 30
29
28
27
26
25
24
23
22
21
5
6
7
8
9
10
11
12
13
14 15 16 17 18 19 20
TOP VIEW
Chip Carrier
CERDIP
PIN CONFIGURATION
4-17
MILITARY HIGH SPEED 32K x 8 CMOS EPROM
KEY FEATURES
• Fast Access Time
• EPI Processing
— 55 ns
— Latch-up Immunity Up to 200 mA
• Low Power Consumption
• Standard EPROM Pinout
• DESC SMD No. 5962-86063
GENERAL DESCRIPTION
The WS57C256F is a High Performance 256K UV Erasable Electrically Programmable Read Only Memory. It is
manufactured using an advanced CMOS process technology enabling it to operate at speeds as fast as 55 ns
Access Time.
Two major features of the WS57C256F are its Low Power and High Speed. While operating in a TTL environment it
consumes less than 120 mA while cycling at full speed. Additionally, the WS57C256F can be placed in a standby
mode which drops operating current below 5 mA in a TTL environment and 500 µA in a CMOS environment.
The WS57C256F also has exceptional output drive capability. It can source 4 mA and sink 16 mA per output.
The WS57C256F is configured in the standard EPROM pinout which provides an easy upgrade path for systems
which are currently using standard EPROMs.
PINS
CE/
OE
A9
A0 VPP VCC OUTPUTS
MODE
PGM
Read
VIL
VIL
XX
VCC VCC
DOUT
Output
Disable
XVIH
XX
VCC VCC
High Z
Standby
VIH
XX
X
VCC VCC
High Z
Program
VIL
VIH
XX
VPP
2 VCC
DIN
Program
Verify
XVIL
XX
VPP2 VCC
DOUT
Program
Inhibit
VIH VIH
XX
VPP
2 VCC High Z
Signature3
VIL
VIL VH
2
VIL VCC VCC
23 H
4
VIL
VIL VH
2
VIH VCC VCC
EO H
5
MODE SELECTION
NOTES:
1. X can be VIL or VIH.
4. Manufacturer Signature.
2. VIH = VPP = 12.75 ± 0.25 V.
5. Device Signature.
3. A1 – A8, A10 – A14 = VIL.
Return to Main Menu


Similar Part No. - WS57C256F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS57C256F STMICROELECTRONICS-WS57C256F Datasheet
49Kb / 5P
HIGH SPEED 32K x 8 CMOS EPROM
WS57C256F-35 STMICROELECTRONICS-WS57C256F-35 Datasheet
49Kb / 5P
HIGH SPEED 32K x 8 CMOS EPROM
WS57C256F-35C STMICROELECTRONICS-WS57C256F-35C Datasheet
49Kb / 5P
HIGH SPEED 32K x 8 CMOS EPROM
WS57C256F-35D STMICROELECTRONICS-WS57C256F-35D Datasheet
49Kb / 5P
HIGH SPEED 32K x 8 CMOS EPROM
WS57C256F-35J STMICROELECTRONICS-WS57C256F-35J Datasheet
49Kb / 5P
HIGH SPEED 32K x 8 CMOS EPROM
More results

Similar Description - WS57C256F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS27C010L STMICROELECTRONICS-WS27C010L Datasheet
48Kb / 5P
Military 128K x 8 CMOS EPROM
WS27C256L STMICROELECTRONICS-WS27C256L Datasheet
48Kb / 5P
Military 32K x 8 CMOS EPROM
WS57C256F STMICROELECTRONICS-WS57C256F Datasheet
49Kb / 5P
HIGH SPEED 32K x 8 CMOS EPROM
WS57C71C-1 STMICROELECTRONICS-WS57C71C-1 Datasheet
19Kb / 2P
MILITARY HIGH SPEED 32K x 8 CMOS PROM/RPROM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
256K 32K x 8 OTP CMOS EPROM
logo
Macronix International
MX27C256 MCNIX-MX27C256 Datasheet
764Kb / 15P
256K-BIT [32K x 8] CMOS EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256 Datasheet
67Kb / 12P
256K (32K x 8) CMOS EPROM
1996
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
32K x 8-Bit CMOS EPROM
August 1994
logo
NXP Semiconductors
27C256 PHILIPS-27C256 Datasheet
558Kb / 14P
256K-bit CMOS EPROM (32K x 8)
November 12 1990
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
256K (32K x 8) CMOS EPROM
2004
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com