Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A52RG Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # A52RG
Description  8 Pin DIP Tri-State ACMOS Clock Oscillators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

A52RG Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  A52RG Datasheet HTML 1Page - Connor-Winfield Corporation A52RG Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722.
PRODUCT
DA TA
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
REV:
DATE:
PAGE
OF
2
2
Dimensional Tolerance:
±.005 (.127mm)
Ac117
00
11/16/05
Note:
1) Inclusive of calibration, freq uency vs. temperature stabilit y, supply voltage change, load
change, shock and vibration, 15 years aging.
2) Oscillator output is enabled with no connect ion on pin1.
3) WARNING! Do not insert osc illator into a hot circuit. Failur e to comply will result in
damage to oscillator.
TABLE 7.0
Tri-State Enable / Disable Function (Pin 1)
Output
High or Open
Enable
Low
Disable (High Impedance)
TABLE 8.0
Pin
Connection
1
Enable /Disable
2
Ground
3
Output
4
Vcc
ENABLE/
DISABLE
50pF
1
2
3
4
120°C
150°C
180°C
260°C
0
220°C
360 Sec. Max.
120 S
Max.
10 S
60 S
Max.
Time
Temperature
260°C
Enable / Disable Function
Pin Connections
Solder Profile
Package Outline and Dimensions
Output Waveform
Test Circuit



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com