Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASOF5S3 Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # ASOF5S3
Description  SURFACE MOUNT 5.0V HCMOS STRATUM 3 OCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

ASOF5S3 Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  ASOF5S3 Datasheet HTML 1Page - Connor-Winfield Corporation ASOF5S3 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX
(630) 851-5040.
PHONE (630) 851-4722.
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
The Connor-Winfield
ASOF5S3 is a true Surface
Mount 5.0V Oven Controlled
Crystal Oscillator (OCXO)
with an HCMOS output. The
ASOF5S3 is designed for
Stratum 3 applications
requiring tight frequency
stability and low jitter.
1
2
ASOF5S3 - 12.80MHz
OCXO
SERIES
CENTER
FREQUENCY
FEATURES
DESCRIPTION
ORDERING INFORMATION
FIXED FREQUENCY OCXO
5.0V OPERATION
LOW JITTER <1pS RMS
TEMPERATURE STABILITY
±0.25ppm
FREQUENCY TOLERANCE OF
±4.6ppm
OVER TWENTY YEARS
SURFACE MOUNT PACKAGE
TAPE AND REEL PACKAGING
RoHS 5/6 COMPLIANT
SURFACE MOUNT 5.0V HCMOS STRATUM 3 OCXO
ASOF5S3
Cx012
04
11/28/06
ABSOLUTE MAXIMUM RATINGS
TABLE 1.0
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-40
-
85
°C
Supply Voltage
(Vcc)
-0.5
-
7.0
Vdc
OPERATING SPECIFICATIONS
TABLE 2.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Center Frequency
(Fo)
1.544
-
20.0
MHz
Frequency Calibration, Vc=2.18 Vdc
-1.5
1.5
ppm
1
Frequency Stability
-0.25
-
0.25
ppm
2
Aging (Daily)
-30
-
30
ppb
3
Aging (20 Years)
-2.5
-
2.5
ppm
Total Frequency Tolerance
-4.6
-
4.6
ppm
4
Operating Temperature Range
0
-
70
°C
Supply Voltage
(Vcc)
4.75
5.0
5.25
Vdc
Supply Current
(Icc)
-
-
350
mA
Phase Jitter (BW=12KHz to 20MHz)
-
-
1
ps rms
Phase Jitter (BW=10Hz to 20MHz)
-
-
3
ps rms
Period Jitter
-
-
3
ps rms
SSB Phase Noise at 10Hz offset
-
-90
-
dBc/Hz
SSB Phase Noise at 10KHz offset
-
-135
-
dBc/Hz
Start Up Time: Oscillator
-
-
10
mS
Warm Up Time
-
-
5
Minutes
5
TDEV @ 1.0 Sec.
-
-
1
nS
TDEV @ 4.0 Sec.
-
-
2
nS
HCMOS OUTPUT CHARACTERISTICS
TABLE 3.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
LOAD
-
-
15
pf
Voltage
(High)
(Voh)
4.5
-
-
Vdc
(Low)
(Vol)
-
-
0.4
Vdc
Current
(High)
(Ioh)
-4
-
mA
(Low)
(Ioh)
-
-
4
mA
Duty Cycle at 50% of Vcc
45
50
55
%
Rise / Fall Time 10% to 90%
-
-
6
nS
PACK AGE CHARACTERISTICS
TABLE 4.0
Package
Surface Mount, Non-hermetic package consisting of an FR4 substrate with
grounded metal cover.
PROCESS RECOMMENDATIONS
TABLE 5.0
Soldering Process
See the solder profile on page 2.
Wash
Ultrasonic cleaning is not recommended
Notes:
1) Initial calibration @ 25°C.
2) Frequency vs. temperature stability
3) At the time of shipment after48 hours of operation.
4) Inclusive of calibration, operating temperature range, supply volta ge change, load
change, shock and vibration, 20 years aging.
5) Measured @ 25°C, within 5 minutes, the unit will be within +/-0.1ppm of its reference
frequency, measured after 30 m inutes of continuous operation at a st able 25°C


Similar Part No. - ASOF5S3

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
ASOF5S3E CONNOR-WINFIELD-ASOF5S3E Datasheet
203Kb / 2P
SURFACE MOUNT STRATUM 3E HCMOS OCXO
ASOF5S3E-10.00M CONNOR-WINFIELD-ASOF5S3E-10.00M Datasheet
203Kb / 2P
SURFACE MOUNT STRATUM 3E HCMOS OCXO
More results

Similar Description - ASOF5S3

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
AGOV5S3 CONNOR-WINFIELD-AGOV5S3 Datasheet
216Kb / 2P
14 PIN DIP 5.0V HCMOS STRATUM 3 OCXO
AGOF5S3 CONNOR-WINFIELD-AGOF5S3 Datasheet
212Kb / 2P
14 PIN DIP 5.0V STRATUM 3 HCMOS OCXO
ASOF5S3E CONNOR-WINFIELD-ASOF5S3E Datasheet
203Kb / 2P
SURFACE MOUNT STRATUM 3E HCMOS OCXO
ASOV3S3 CONNOR-WINFIELD-ASOV3S3 Datasheet
193Kb / 2P
SURFACE MOUNT 3.3V HCMOS STRATUM 3 OCXO
BSOV3S3 CONNOR-WINFIELD-BSOV3S3 Datasheet
192Kb / 2P
SURFACE MOUNT 3.3V HCMOS STRATUM 3 OCXO
CGOF5S3 CONNOR-WINFIELD-CGOF5S3 Datasheet
212Kb / 2P
14 PIN DIP 5.0V STRATUM 3 HCMOS OCXO
CSOV3S3 CONNOR-WINFIELD-CSOV3S3 Datasheet
198Kb / 2P
SURFACE MOUNT 3.3V HCMOS STRATUM 3 OCXO
DGOF5S3 CONNOR-WINFIELD-DGOF5S3 Datasheet
216Kb / 2P
14 PIN DIP 5.0V STRATUM 3 HCMOS OCXO
ESOF3S3 CONNOR-WINFIELD-ESOF3S3 Datasheet
189Kb / 2P
SURFACE MOUNT 3.3V HCMOS STRATUM 3 OCXO
OFC5EF1AB CONNOR-WINFIELD-OFC5EF1AB Datasheet
133Kb / 2P
5.0V HCMOS STRATUM 3E OCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com