Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASOF3S3P Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # ASOF3S3P
Description  3.3V SURFACE MOUNT STRATUM 3 PLUS HCMOS OCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

ASOF3S3P Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  ASOF3S3P Datasheet HTML 1Page - Connor-Winfield Corporation ASOF3S3P Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722.
PRODUCT
DA TA
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
The Connor-Winfield
ASOF3S3P is a surface
mount, 3.3V Oven Controlled
Crystal Oscillator (OCXO)
with a HCMOS / TTL
compatible output. The
ASOF3S3P is designed for
higher frequency stability
Stratum 3 Plus applications
requiring low jitter and tight
frequency calibration.
1
2
ASOF3S3P
- 10.00MHz
OCXO
SERIES
CENTER
FREQUENCY
FEATURES
DESCRIPTION
ORDERING INFORMATION
3.3V OPERATION
LOW JITTER<1pS RMS
FREQUENCY STABILITY ±0.21ppm
TEMPERATURE RANGE: 0 to 70°C
OVERALL FREQUENCY TOLERANCE :
±1.5ppm over Twenty Years.
SURFACE MOUNT PACKAGE
TAPE AND REEL PACKAGING
3.3V SURFACE MOUNT STRATUM 3
PLUS HCMOS OCXO
Cx059
03
11/09/05
www.conwin.com
ASOF3S3P
CW 0540
ASOF3S3P
10.00M
Notes:
1) Initial calibration @ 25
°C at time of shipment.
2) Frequency vs. temperature stability, 0 to 70°C absolute.
3) Frequency stability per 5% change in supply voltage.
4) Frequency stability per 5% change in load
5) Inclusive of calibration, operating temperature range, supply voltage change, load change, shock
and vibration and aging over 20 years.
6) Measured @ 25
°C, within 5 minutes, the unit will be within +/-0.5ppm of nominal.
7) 24 hours off then 60 minutes on at a constant temperature and voltage.
8) Supply voltage at 3.3 Vdc.
ABSOLU TE MAXI MUM RAT INGS
TABLE 1.0
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-40
-
85
°C
Supply Voltage
(Vcc)
-0.5
-
4.5
Vdc
OPERATING SPECIFICATIO NS
TABLE 2.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Center Frequency
(Fo)
9.00
-
20.00
MHz
Frequency Calibration
-0.30
-
0.30
ppm
1
Frequency vs. Change in Temperature
-0.21
-
0.21
ppm
2
Frequency vs. Change in Supply Voltage
-0.05
-
0.05
ppm
3
Frequency vs. Change in Load
-0.02
-
0.02
ppm
4
Frequency Aging Daily
-
-
8
ppb/day
Frequency Aging per year
-0.5
-
0.5
ppm
Total Frequency Tolerance
-1.5
-
1.5
ppm
5
Operating Temperature Range
0
-
70
°C
Supply Voltage
(Vcc)
3.13
3.30
3.47
Vdc
Supply Current
(Icc)
-
-
450
mA
Supply Current Steady State @25°C
(Icc)
-
180
-
mA
Allan Variance (1 second)
-
5.00E-10
-
Phase Jitter (10Hz to 20 MHz)
-
-
1
ps RMS
Period Jitter
-
-
3
ps RMS
SSB Phase Noise at 1Hz offset
-
-70
-
dBc/Hz
SSB Phase Noise at 10Hz offset
-
-100
-
dBc/Hz
SSB Phase Noise at 100Hz offset
-
-125
-
dBc/Hz
SSB Phase Noise at 1KHz offset
-
-140
-
dBc/Hz
SSB Phase Noise at 10KHz offset
-
-150
-
dBc/Hz
Warm Up Time
-
-
5
Minutes
6
Retrace
-0.3
-
0.3
ppm
7
TDEV @ 1.0 Sec.
-
-
1
nS
TDEV @ 4.0 Sec.
-
-
2
nS
HCMOS OUTPUT CHARACTERISTICS
TABLE 3.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
LOAD
12
15
18
pf
Voltage
(High)
(Voh)
2.6
-
-
Vdc
8
(Low)
(Vol)
-
-
0.4
Vdc
8
Current
(High)
(Ioh)
-4
-
mA
(Low)
(Ioh)
-
-
4
mA
Duty Cycle at 50% of Vcc
45
50
55
%
Rise / Fall Time 10% to 90%
-
-
6
nS
PACKAGE CHARACTERISTICS
TABLE 4.0
Package
Surface Mount, Non-hermetic package consisting of an FR4 substrate with
grounded metal cover.
PROCESS RECOMMENDATIONS
TABLE 5.0
Solder Reflow
The component solder used internal to this device has a melting point of
221
°C. The peak temperature inside the device should be less than or equal
to 220
°C for a maximum of 10 seconds
Wash
Ultrasonic cleaning is not recommended


Similar Part No. - ASOF3S3P

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
ASOF3S3 CONNOR-WINFIELD-ASOF3S3 Datasheet
168Kb / 2P
SURFACE MOUNT 3.3V LVCMOS STRATUM 3 OCXO
ASOF3S3-12.80 CONNOR-WINFIELD-ASOF3S3-12.80 Datasheet
168Kb / 2P
SURFACE MOUNT 3.3V LVCMOS STRATUM 3 OCXO
ASOF3S3G CONNOR-WINFIELD-ASOF3S3G Datasheet
217Kb / 2P
SURFACE MOUNT 3.3V LVCMOS STRATUM 3 OCXO
ASOF3S3G-12.80M CONNOR-WINFIELD-ASOF3S3G-12.80M Datasheet
217Kb / 2P
SURFACE MOUNT 3.3V LVCMOS STRATUM 3 OCXO
More results

Similar Description - ASOF3S3P

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
ASOF5S3 CONNOR-WINFIELD-ASOF5S3 Datasheet
165Kb / 2P
SURFACE MOUNT 5.0V HCMOS STRATUM 3 OCXO
ASOF3S3 CONNOR-WINFIELD-ASOF3S3 Datasheet
168Kb / 2P
SURFACE MOUNT 3.3V LVCMOS STRATUM 3 OCXO
ASOF3S3G CONNOR-WINFIELD-ASOF3S3G Datasheet
217Kb / 2P
SURFACE MOUNT 3.3V LVCMOS STRATUM 3 OCXO
ASOF5S3E CONNOR-WINFIELD-ASOF5S3E Datasheet
203Kb / 2P
SURFACE MOUNT STRATUM 3E HCMOS OCXO
ASOV3S3 CONNOR-WINFIELD-ASOV3S3 Datasheet
193Kb / 2P
SURFACE MOUNT 3.3V HCMOS STRATUM 3 OCXO
BSOF3S3E CONNOR-WINFIELD-BSOF3S3E Datasheet
203Kb / 2P
SURFACE MOUNT 3.3V STRATUM 3E HCMOS OCXO
BSOV3S3 CONNOR-WINFIELD-BSOV3S3 Datasheet
192Kb / 2P
SURFACE MOUNT 3.3V HCMOS STRATUM 3 OCXO
CSOV3S3 CONNOR-WINFIELD-CSOV3S3 Datasheet
198Kb / 2P
SURFACE MOUNT 3.3V HCMOS STRATUM 3 OCXO
ESOF3S3 CONNOR-WINFIELD-ESOF3S3 Datasheet
189Kb / 2P
SURFACE MOUNT 3.3V HCMOS STRATUM 3 OCXO
OFA3BB2AA CONNOR-WINFIELD-OFA3BB2AA Datasheet
240Kb / 2P
3.3V SURFACE MOUNT LVCMOS STRATUM 3 OCXO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com