Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACPM-7821 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-7821
Description  4 x 4 Power Amplifier Module for J-CDMA (898 - 925 MHz)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-7821 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ACPM-7821 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-7821 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
ACPM-7821
4 x 4 Power Amplifier Module
for J-CDMA (898 – 925 MHz)
Data Sheet
Description
The ACPM-7821 is a CDMA (Code Division Multiple
Access) power amplifier module designed for hand-
sets operating in the 898–925MHz bandwidth. The
ACPM-7821 meets stringent CDMA linearity require-
ments up to 28 dBm output power.
A low current (Vcont) pin is provided for high effi-
ciency improvement of the low output power range.
The ACPM-7821 features CoolPAM circuit technology
offering state-of-the-art reliability, temperature
stability and ruggedness.
ACPM-7821 is self contained, incorporating 50 ohm
input and output matching networks.
Features
• Excellent linearity
• High efficiency
• 10-pin surface mounting package
(4 mm x 4 mm x 1.1 mm)
• Low quiescent current
• Internal 50
Ω matching networks for both RF input
and output
• CDMA 95A/B, CDMA2000-1X/EVDO
Applications
• Digital Cellular (J-CDMA)
Functional Block Diagram
Output
Match
Input
Match
Inter
Stage
Match
DA
PA
Bias Circuit & Control Logic
RF Input
(4)
RF Output
(8)
Vcc1(5)
Vcc2(6)
Vref(1)
Vcont(2)
MODULE
MMIC
Ordering Information
Part Number
No. of Devices
Container
ACPM-7821-TR1
1000
7" Tape and Reel
ACPM-7821-BLK
100
Bulk


Similar Part No. - ACPM-7821

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7822 AVAGO-ACPM-7822 Datasheet
1Mb / 13P
JCDMA 4x4 Power Amplifier Module (898-925MHz)
ACPM-7822-BLK AVAGO-ACPM-7822-BLK Datasheet
1Mb / 13P
JCDMA 4x4 Power Amplifier Module (898-925MHz)
ACPM-7822-TR1 AVAGO-ACPM-7822-TR1 Datasheet
1Mb / 13P
JCDMA 4x4 Power Amplifier Module (898-925MHz)
More results

Similar Description - ACPM-7821

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CX77105 SKYWORKS-CX77105 Datasheet
563Kb / 17P
Power Amplifier Module for CDMA/AMPS (824-849 MHz)
CX77144 SKYWORKS-CX77144 Datasheet
733Kb / 12P
Power Amplifier Module for CDMA (887-925 MHz)
logo
Stealth Microwave, Inc.
SM04093-36HS STEALTH_MICROWAVE-SM04093-36HS Datasheet
109Kb / 4P
400-925 MHz 4 Watt Linear Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43828 AVAGO-MGA-43828 Datasheet
727Kb / 16P
925??60 MHz Linear Power Amplifier Module
WS1102-TR1 AVAGO-WS1102-TR1 Datasheet
476Kb / 16P
3 x 3 Power Amplifier Module for CDMA/AMPS (824??49 MHz)
MGA-43828 AVAGO-MGA-43828_15 Datasheet
727Kb / 16P
925??60 MHz Linear Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY77732 SKYWORKS-SKY77732 Datasheet
155Kb / 3P
Power Amplifier Module for CDMA PCS (1850 MHz??910 MHz)
SKY77735 SKYWORKS-SKY77735 Datasheet
153Kb / 3P
Power Amplifier Module for CDMA (824 MHz??49 MHz)
logo
Broadcom Corporation.
MGA-43828 BOARDCOM-MGA-43828 Datasheet
810Kb / 16P
925??60 MHz Linear Power Amplifier Module
logo
Skyworks Solutions Inc.
AWB7229 SKYWORKS-AWB7229 Datasheet
828Kb / 10P
925 - 960 MHz Small-Cell Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com