Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM385-2.5 Datasheet(PDF) 2 Page - Wing Shing Computer Components

Part # LM385-2.5
Description  Micropower Voltage Reference Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

LM385-2.5 Datasheet(HTML) 2 Page - Wing Shing Computer Components

  LM385-2.5 Datasheet HTML 1Page - Wing Shing Computer Components LM385-2.5 Datasheet HTML 2Page - Wing Shing Computer Components LM385-2.5 Datasheet HTML 3Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Absolute Maximum Ratings
Reverse Current
30 mA
Forward Current
10 mA
Operating Temperature Range (Note 3)
LM385-2.5
0˚C to 70˚C
Storage Temperature
−55˚C to + 150˚C
Soldering Information
TO-92 Package (10 sec.)
260˚C
Electrical Characteristics
(Note 4)
Parameter
Conditions
Typ
Units
(Limits)
LM385-2.5
Tested
Design
Limit
Limit
Reverse Breakdown
Voltage
2.500
Minimum Operating
Current
(Max)
Reverse Breakdown
≤ I
R ≤ 1mA
Voltage Change with
(Max)
Current
1 mA
≤ I
R ≤ 20 mA
(Max)
Reverse Dynamic
I
R
Ω
Impedance
f = 20 Hz
Wideband Noise (rms)
I
R = 100 µA
120
µV
10 Hz
≤ f ≤ 10 kHz
Long Term Stability
I
R = 100 µA,
T = 1000 Hr,
20
ppm
T
A = 25˚C ±0.1˚C
Average Temperature
I
MIN ≤ IR ≤ 20 mA
ppm/˚C
(Max)
150
LM385-2.5
T
A =25
C
o
R
20uA < I < 20mA
2.425
2.575
V(Min)
V(Max)
13
20
30
uA
20uA
2.0
2.5
mV
20
25
mV
= 100uA
1
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com