Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HD2001 Datasheet(PDF) 1 Page - HBH Microwave GmbH

Part # HD2001
Description  800MHz - 2.5 GHz 4 Way Power Divider
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HBH [HBH Microwave GmbH]
Direct Link  http://www.hbhmw.de/
Logo HBH - HBH Microwave GmbH

HD2001 Datasheet(HTML) 1 Page - HBH Microwave GmbH

  HD2001 Datasheet HTML 1Page - HBH Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
800MHz – 2.5 GHz 4 Way Power Divider
HBH Microwave GmbH, Helmholtzstr 9, 76297 Stutensee, Germany
Internet: http://www.hbhmw.com
Email: info@hbhmw.com
Phone +49-7244-6098490
Fax +49-7244-6098489
Date: 23/04/2004
HBH
Microwave GmbH
HD2001
General Description
The HD2001 is an 1:4 power divider.The divider covers the frequency range from 800MHz to
2.5GHz.
Electrical Performance
Typical Data @25 °C
Parameter
Min
Typ
Max
Units
Frequency
0.8
2.5
GHz
Insertion Loss
0.8 (1.4)
dB (incl. Cable)
Isolation
22
dB
Amplitude Unbalance
0.3
dB
Phase Unbalance
6
deg
VSWR Input
1.4:1
VSWR Output
1.4:1
Input Power
Max Load VSWR 1.2:1
2.0:1
30
5
W
Operating Temperature
-40
+85
°C
Connector Input
SMA-f
Connectors Output
Coax Cable (200mm), HIROSE
Size
130 x 65 x 15.5 (mounting included)
mm
Data are specified with all ports terminated 50 Ohms.
Rev. 1.0


Similar Part No. - HD2001

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
HD200 EXTECH-HD200 Datasheet
396Kb / 10P
Differential Thermometer Datalogger
More results

Similar Description - HD2001

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBGF-T-4-450-890 AAC-JXWBGF-T-4-450-890 Datasheet
60Kb / 1P
4-Way Power Divider
logo
SYNERGY MICROWAVE CORPO...
M4D1626 SYNERGY-M4D1626 Datasheet
408Kb / 3P
4-WAY POWER DIVIDER
M4D3040 SYNERGY-M4D3040 Datasheet
397Kb / 3P
4-WAY POWER DIVIDER
M4D3236 SYNERGY-M4D3236 Datasheet
363Kb / 3P
4-WAY POWER DIVIDER
SPD-69-270 SYNERGY-SPD-69-270 Datasheet
363Kb / 3P
4-Way Power divider
logo
M/A-COM Technology Solu...
MAPD-007246-ES4700 MA-COM-MAPD-007246-ES4700_15 Datasheet
60Kb / 2P
4-Way Power Divider
logo
SYNERGY MICROWAVE CORPO...
SD-4-1 SYNERGY-SD-4-1 Datasheet
266Kb / 3P
4-WAY POWER DIVIDER
SPD-5-2000 SYNERGY-SPD-5-2000 Datasheet
395Kb / 3P
4-WAY POWER DIVIDER
M4D96120 SYNERGY-M4D96120 Datasheet
345Kb / 3P
4-WAY POWER DIVIDER
logo
Abracon Corporation
ABPDC-4-S-698-2700MHZ ABRACON-ABPDC-4-S-698-2700MHZ Datasheet
5Mb / 4P
4 Way Power Divider
12.04.15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com