Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT300 Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # HT300
Description  GREEN HIGH FLUX LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

HT300 Datasheet(HTML) 5 Page - Seoul Semiconductor

  HT300_1 Datasheet HTML 1Page - Seoul Semiconductor HT300_1 Datasheet HTML 2Page - Seoul Semiconductor HT300_1 Datasheet HTML 3Page - Seoul Semiconductor HT300_1 Datasheet HTML 4Page - Seoul Semiconductor HT300_1 Datasheet HTML 5Page - Seoul Semiconductor HT300_1 Datasheet HTML 6Page - Seoul Semiconductor HT300_1 Datasheet HTML 7Page - Seoul Semiconductor HT300_1 Datasheet HTML 8Page - Seoul Semiconductor HT300_1 Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Rev. 00
Rev. 00
December 2007
December 2007
www.ZLED.com
www.ZLED.com
<080612> Rev. 1.5
4. Reliability Tests
0/22
1 time
1kV, 1.5kΩ ; 100pF
ESD
(Human Body Model)
0/40
100
cycles
T
a = -40ºC (15min) ~ 100º (15min)
(Transfer time : 10sec, 1Cycle = 30min)
Thermal Shock
0/22
500hrs
T
a = 85ºC, RH = 85%,
I
F = 10mA
Temperature Humidity
Operating
0/22
1000hrs
T
a = 85ºC, RH = 85%
Temperature Humidity
Storage
0/22
1000hrs
T
a = -40ºC
Low Temperature Storage
0/22
1000hrs
T
a = 100ºC
High Temperature Storage
0/22
0/22
0/22
0/22
Failures
1 time
T
s = 235 ± 5ºC, t = 4 ± 1sec
Resistance to soldering Heat
1000hrs
T
a = 85ºC, IF = 10mA
High Temperature Operating
1000hrs
T
a = -30ºC, IF = 40mA
Low Temperature Operating
1000hrs
T
a = RT, IF = 40mA
Life Test
Note
Condition
Item
< Judging Criteria For Reliability Tests >
USL[1] X 1.2
V
F
USL X 2.0
I
R
Ф
V
LSL [2] X 0.5
Notes :
[1] USL : Upper Standard Level
[2] LSL : Lower Standard Level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com