Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1584/5/7CT-3.3 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1584/5/7CT-3.3
Description  7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1584/5/7CT-3.3 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1584/5/7CT-3.3 Datasheet HTML 8Page - Linear Technology LT1584/5/7CT-3.3 Datasheet HTML 9Page - Linear Technology LT1584/5/7CT-3.3 Datasheet HTML 10Page - Linear Technology LT1584/5/7CT-3.3 Datasheet HTML 11Page - Linear Technology LT1584/5/7CT-3.3 Datasheet HTML 12Page - Linear Technology LT1584/5/7CT-3.3 Datasheet HTML 13Page - Linear Technology LT1584/5/7CT-3.3 Datasheet HTML 14Page - Linear Technology LT1584/5/7CT-3.3 Datasheet HTML 15Page - Linear Technology LT1584/5/7CT-3.3 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1584/LT1585/LT1587
158457a
LT/TP 0404 1K REV A • PRINTED IN USA
© LINEAR TECHNOLOGY CORPORATION 1995
TYPICAL APPLICATIONS N
Guaranteed LT1584/LT1431 Circuit for the Intel 90MHz and 100MHz Pentium Processors
(Meets Intel Specifications with Worst-Case Tolerances)
LT1584
ADJ
IN
R1
1k
C2 TO C4
220
µF
10V
AVX TPS
3 EACH
5V
OUT
3
SEE NOTE 6
SEE NOTE 5
SEE NOTE 7
2
1
2
R2
1k
R4
6
5
4
3
2
1
R3E
117
Ω
R3D
83
Ω
C6
0.01
µF
C1
0.1
µF
C5
33pF
NPO
1
56
8
7
3
4
R3C
800
Ω
R3B
1.35k
R3A
1.15k
LT1431S
COMP COL
SGND FGND
V+
REF
RT
RM
PGND
SGND
LT1584 • TA06
PGND
SENSE
VOUT
PLACE IN MICROPROCESSOR
SOCKET CAVITY
C14 TO C23
1
µF
16V
AVX Y5V 0805
10 EACH
C8 TO C13
100
µF
10V
AVX TPS
6 EACH
NOTES: UNLESS OTHERWISE SPECIFIED
1. ALL RESISTOR VALUES ARE OHMS,
1/8W, 5%
2. ALL CAPACITORS ARE 50V, 20%
3. ALL POLARIZED CAPACITORS ARE AVX
TYPE TPS OR EQUIVALENT
4. INPUT CAPACITANCE MAY BE REDUCED
IF THE 5V SUPPLY IS WELL BYPASSED
5. FOR 100MHz PENTIUM PROCESSOR,
INPUT VOLTAGE MUST BE AT LEAST
4.85V AT THE REGULATOR INPUT
6. FOR PENTIUM VRE PROCESSOR,
R4 NOT INSTALLED
– FOR 3.3V OUTPUT, INSTALL 0
Ω JUMPER
RESISTOR R4
7. R3A TO R3E ARE B.I. TECHNOLOGY 627V100
C7
100
µF
10V
THERMALLOY
7021B-MT
+
+
+
LT1584/LT1431 Transient Response
for 3.8A Load Current Step*
VOUT
50mV/DIV
100
µs/DIV
LT1584 • TA07
IOUT
2A/DIV
*TRANSIENT RESPONSE
MEASURED WITH AN INTEL
POWER VALIDATOR.
VOUT IS MEASURED AT THE
POWER VALIDATOR
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1083/84/85
7.5A, 5A, 3A Low Dropout Linear Regulators
Fixed Output at 3.3V, 3.6V, 5V and 12V, VIN to 25V
LT1083/84/85
7.5A, 5A, 3A Low Dropout Linear Regulators
Adjustable Output with up to 30V (VIN – VOUT) Differential
LT1086
1.5A Low Dropout Linear Regulator
Both Fixed and Adjustable Versions, (VIN – VOUT) to 30V
LT1521
300mA Low Dropout Linear Regulator with 12
µA Quiescent
Both Fixed and Adjustable Versions, Surface Mount
Current and Shutdown
Package Available
LT1529
3A Low Dropout Linear Regulator with 50
µA Quiescent
Both Fixed and Adjustable Versions, Surface Mount
Current and Shutdown
Package Available
LT1580
7A Very Low Dropout Linear Regulator
540mV Dropout at 7A, Remote Sensing
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com