Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1636CDD Datasheet(PDF) 3 Page - Linear Technology

Part # LT1636CDD
Description  Over-The-Top Micropower Rail-to-Rail Input and Output Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1636CDD Datasheet(HTML) 3 Page - Linear Technology

  LT1636CDD Datasheet HTML 1Page - Linear Technology LT1636CDD Datasheet HTML 2Page - Linear Technology LT1636CDD Datasheet HTML 3Page - Linear Technology LT1636CDD Datasheet HTML 4Page - Linear Technology LT1636CDD Datasheet HTML 5Page - Linear Technology LT1636CDD Datasheet HTML 6Page - Linear Technology LT1636CDD Datasheet HTML 7Page - Linear Technology LT1636CDD Datasheet HTML 8Page - Linear Technology LT1636CDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1636
1636fc
LT1636C/LT1636I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DD Package
75
425
µV
0
°C ≤ TA ≤ 70°C
●
900
µV
–40
°C ≤ TA ≤ 85°C
●
1050
µV
Input Offset Voltage Drift (Note 9)
N8 Package, – 40
°C ≤ TA ≤ 85°C
●
15
µV/°C
S8 Package, – 40
°C ≤ TA ≤ 85°C
●
28
µV/°C
MS8 Package, – 40
°C ≤ TA ≤ 85°C
●
210
µV/°C
DD Package, – 40
°C ≤ TA ≤ 85°C
●
210
µV/°C
IOS
Input Offset Current
●
0.1
0.8
nA
VCM = 44V (Note 5)
●
0.6
µA
IB
Input Bias Current
●
58
nA
VCM = 44V (Note 5)
●
36
µA
VS = 0V
0.1
nA
Input Noise Voltage
0.1Hz to 10Hz
0.7
µVP-P
en
Input Noise Voltage Density
f = 1kHz
52
nV/
√Hz
in
Input Noise Current Density
f = 1kHz
0.035
pA/
√Hz
RIN
Input Resistance
Differential
6
10
M
Ω
Common Mode, VCM = 0V to 44V
7
15
M
Ω
CIN
Input Capacitance
4pF
Input Voltage Range
●
044
V
CMRR
Common Mode Rejection Ratio
VCM = 0V to VCC – 1V
●
84
110
dB
(Note 5)
VCM = 0V to 44V (Note 8)
●
86
98
dB
AVOL
Large-Signal Voltage Gain
VS = 3V, VO = 500mV to 2.5V, RL = 10k
200
1300
V/mV
VS = 3V, 0°C ≤ TA ≤ 70°C
●
133
V/mV
VS = 3V, – 40°C ≤ TA ≤ 85°C
●
100
V/mV
VS = 5V, VO = 500mV to 4.5V, RL = 10k
400
2000
V/mV
VS = 5V, 0°C ≤ TA ≤ 70°C
●
250
V/mV
VS = 5V, – 40°C ≤ TA ≤ 85°C
●
200
V/mV
VOL
Output Voltage Swing LOW
No Load
●
210
mV
ISINK = 5mA
●
480
875
mV
VS = 5V, ISINK = 10mA
●
860
1600
mV
VOH
Output Voltage Swing HIGH
VS = 3V, No Load
●
2.95
2.985
V
VS = 3V, ISOURCE = 5mA
●
2.55
2.8
V
VS = 5V, No Load
●
4.95
4.985
V
VS = 5V, ISOURCE = 10mA
●
4.30
4.75
V
ISC
Short-Circuit Current (Note 2)
VS = 3V, Short to GND
7
15
mA
VS = 3V, Short to VCC
20
42
mA
VS = 5V, Short to GND
12
25
mA
VS = 5V, Short to VCC
25
50
mA
PSRR
Power Supply Rejection Ratio
VS = 2.7V to 12.5V, VCM = VO = 1V
●
90
103
dB
Reverse Supply Voltage
IS = – 100µA
●
27
40
V
IS
Supply Current
(Note 6)
42
55
µA
●
60
µA
Supply Current, SHDN
VPIN5 = 2V, No Load (Note 6)
●
412
µA
ISD
Shutdown Pin Current
VPIN5 = 0.3V, No Load (Note 6)
●
0.5
15
nA
VPIN5 = 2V, No Load (Note 5)
●
1.1
5
µA
Output Leakage Current, SHDN
VPIN5 = 2V, No Load (Note 6)
●
0.05
1
µA
Maximum Shutdown Pin Current
VPIN5 = 32V, No Load (Note 5)
●
27
150
µA
tON
Turn-On Time
VPIN5 = 5V to 0V, RL = 10k
120
µs
tOFF
Turn-Off Time
VPIN5 = 0V to 5V, RL = 10k
2.5
µs
The
● denotes the specifications which apply over the full operating temperature range of –40
°C ≤ TA ≤ 85°C.
VS = 3V, 0V; VS = 5V, 0V; VCM = VOUT = half supply unless otherwise specified. (Note 4)
3V
5V
A D
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com