Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1715IMSTRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LT1715IMSTRPBF
Description  4ns, 150MHz Dual Comparator with Independent Input/Output Supplies
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1715IMSTRPBF Datasheet(HTML) 5 Page - Linear Technology

  LT1715IMSTRPBF Datasheet HTML 1Page - Linear Technology LT1715IMSTRPBF Datasheet HTML 2Page - Linear Technology LT1715IMSTRPBF Datasheet HTML 3Page - Linear Technology LT1715IMSTRPBF Datasheet HTML 4Page - Linear Technology LT1715IMSTRPBF Datasheet HTML 5Page - Linear Technology LT1715IMSTRPBF Datasheet HTML 6Page - Linear Technology LT1715IMSTRPBF Datasheet HTML 7Page - Linear Technology LT1715IMSTRPBF Datasheet HTML 8Page - Linear Technology LT1715IMSTRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT1715
5
1715fa
TYPICAL PERFORMANCE CHARACTERISTICS
Propagation Delay
vs Overdrive
Propagation Delay
vs Temperature
Propagation Delay
vs Supply Voltage
Input Current
vs Differential Input Voltage
Quiescent Supply Current
vs Temperature
Quiescent Supply Current
vs Supply Voltage
Output Low Voltage
vs Load Current
Output High Voltage
vs Load Current
Supply Current
vs Toggle Frequency
DIFFERENTIAL INPUT VOLTAGE (V)
–5
–7
–6
–4
–3
–2
1234
2
1715 G04
–5
–4 –3 –2 –1
0
5
–1
0
1
TA = 25°C
VCC = +VS = 5V
VEE = –5V
TEMPERATURE (°C)
–50
25
1715 G05
2
–2
–25
0
50
–4
–6
8
6
IS
ICC
IEE
4
0
75
100
125
VCC = +VS = 5V
VEE = –5V
SUPPLY VOLTAGE, VCC = +VS (V)
0
–4
–3
3
6
2
4
5
1715 G06
2
1
0
–1
–2
5
4
1
3
6
ICC
7
TA = 25°C
VEE = GND
IS, OUTPUT HIGH
IS, OUTPUT LOW
IEE, OUTPUT LOW
IEE, OUTPUT HIGH
OUTPUT SINK CURRENT (mA)
0
0.3
0.4
0.5
16
1715 G07
0.2
0.1
0
4
8
12
20
125°C
–55°C
25°C
VCC = +VS = 5V, UNLESS
OTHERWISE NOTED
VIN = –10mV
125°C
+VS = 2.7V
OUTPUT SOURCE CURRENT (mA)
0
–0.3
–0.2
–0.1
16
1715 G08
–0.4
–0.5
–0.6
4
8
12
20
–55°C
125°C
+VS = 2.7V
VCC = +VS = 5V, UNLESS
OTHERWISE NOTED
VIN = 10mV
125°C
25°C
TOGGLE FREQUENCY (MHz)
0
0
5
15
20
25
50
100 125
225
1715 G09
10
25
75
150 175 200
30
TA = 25°C
VIN = ±50mV SINUSOID
+VS = VCC = 5V
VEE = GND
CLOAD = 20pF
CLOAD = 10pF
CLOAD = 0pF
INCOMPLETE
OUTPUT TOGGLING
VALID
TOGGLING
OVERDRIVE (mV)
0
30
50
1715 G10
10
20
40
tPDLH
tPDHL
tPDHL
8
7
6
5
4
3
TA = 25°C
VSTEP = 100mV
CLOAD = 10pF
VCC = +VS = 3V
VEE = 0V
VCC = +VS = 5V
VEE = –5V
tPDLH
TEMPERATURE (°C)
–50
7.5
25
1715 G11
6.0
5.0
–25
0
50
4.5
4.0
3.5
3.0
8.0
7.0
6.5
5.5
75
100
125
tPDLH
VSTEP = 100mV
CLOAD = 10pF
OVERDRIVE = 5mV
VCC = +VS = 3V
VEE = 0V
OVERDRIVE = 20mV
VCC = +VS = 5V
VEE = –5V
2.5
4.0
3.5
5.5
5.0
tPDLH
tPDLH
tPDHL
tPDHL
4.5
4.0
5.0
1715 G12
3.0
3.5
4.5
5.5
6.0
TA = 25°C
VSTEP = 100mV
OVERDRIVE = 20mV
CLOAD = 10pF
VEE = GND
VEE = –5V
SUPPLY VOLTAGE, +VS = VCC OR V
+ (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com