Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCG2500 Datasheet(PDF) 3 Page - Connor-Winfield Corporation

Part # SCG2500
Description  Synchronous Clock Generators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG2500 Datasheet(HTML) 3 Page - Connor-Winfield Corporation

  SCG2500 Datasheet HTML 1Page - Connor-Winfield Corporation SCG2500 Datasheet HTML 2Page - Connor-Winfield Corporation SCG2500 Datasheet HTML 3Page - Connor-Winfield Corporation SCG2500 Datasheet HTML 4Page - Connor-Winfield Corporation SCG2500 Datasheet HTML 5Page - Connor-Winfield Corporation SCG2500 Datasheet HTML 6Page - Connor-Winfield Corporation SCG2500 Datasheet HTML 7Page - Connor-Winfield Corporation SCG2500 Datasheet HTML 8Page - Connor-Winfield Corporation SCG2500 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Preliminary Data Sheet #: SG027
Page 3 of 10
Rev: 02
Date: 03/15/02
© Copyright 2002 The Connor-Winfield Corp.
All Rights Reserved Specifications subject to change without notice
Input Selection / Output Response
Table 5
All SCG2500 Models
INPUTS
OUPUTS
Reset/
Oscillator
8 kHz
Notes
Tri-State
SEL
AB
REF
A
REF
B
FR
FR
status
Alarm
Output
Output
1
X
XXXTS
TS
FR
TS
0
X
X
X
1
1
1
FR
FR
0
0
A
A
0
0
0
LRA
LRAD
0
1
NA
A
0
0
0
LRB
LRBD
0
0
NA
A
001
U
U
5.0
0
1
A
NA
001
U
U
5.0
0
0
A
NA
0
0
0
LRA
LRAD
0
X
NA
NA
0
1
1
FR
FR
NOTES:
1.0
Requires external regulation
2.0
Externally selectable via Input Select AB
3.0
From a 20 ppm offset in reference frequency
4.0
Entry into Free Run doesn’t meet requirement for initial 2.33 seconds of self-timing
4.1
If the selected reference is removed, system response to the ALARM must be less than 10µs
5.0
On alarm assertion, switch references. If alarm is still active, force Free Run
TS = Tri-State
U = Unstable
FR = Free Run
LRAD = Locked to Ref A and divided down
LRA = Locked to Ref A
LRAB = Locked to ref B and divided down
LRB = Locked to Reb B
X = Don’t care
Output Jitter Specifications
Table 4
All SCG2500 Models (Ver. 2)
Jitter BW 10 Hz - 1 MHz
SONET Jitter BW 12 kHz - 20 MHz
Frequency (MHz)
pS (RMS)
m UI
pS (RMS)
m UI
1.544
30 Typ.
0.046 Typ.
4 Typ.
0.006 Typ.
2.048
30 Typ.
0.061 Typ.
4 Typ.
0.008 Typ.
19.44
10 Typ.
0.194 Typ.
1 Max., 0.5 Typ.
0.019 Max.
20.48
10 Typ.
0.205 Typ.
1 Max., 0.5 Typ.
0.020 Max.
34.368
10 Typ.
0.344Typ.
1 Max., 0.5 Typ.
0.034Max.
44.736
10 Typ.
0.447Typ.
1 Max., 0.5 Typ.
0.045 Max.
51.84
10 Typ.
0.518 Typ.
1 Max., 0.5 Typ.
0.052 Max.
77.76
10 Typ.
0.778Typ.
1 Max., 0.5 Typ.
0.078 Max.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com