Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCG4600 Datasheet(PDF) 3 Page - Connor-Winfield Corporation

Part # SCG4600
Description  Synchronous Clock Generators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG4600 Datasheet(HTML) 3 Page - Connor-Winfield Corporation

  SCG4600 Datasheet HTML 1Page - Connor-Winfield Corporation SCG4600 Datasheet HTML 2Page - Connor-Winfield Corporation SCG4600 Datasheet HTML 3Page - Connor-Winfield Corporation SCG4600 Datasheet HTML 4Page - Connor-Winfield Corporation SCG4600 Datasheet HTML 5Page - Connor-Winfield Corporation SCG4600 Datasheet HTML 6Page - Connor-Winfield Corporation SCG4600 Datasheet HTML 7Page - Connor-Winfield Corporation SCG4600 Datasheet HTML 8Page - Connor-Winfield Corporation SCG4600 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Preliminary Data Sheet #: SG028
Page 3 of 12
Rev: P01
Date: 07/19/02
© Copyright 2002 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Input And Output Characteristics
Table 3
Symbol
Parameter
Minimum
Nominal
Maximum
Units
Notes
CMOS Input and Output Characteristics
V
ih
High Level Input Voltage
2.0
-
5.5
V
V
il
Low Level Input Voltage
0.0
-
0.8
V
T
io
I/O to Output Valid
-
-
10
ns
C
l
Output Capacitance
-
-
10
pF
V
oh
High Level Output Voltage
2.4
-
-
V
V
ol
Low Level Output Voltage
-
-
0.4
V
T
ir
Input Reference Pulse Width
25.72
-
-
ns
CML Output Characteristics
V
od
Differential Output Voltage
-
800
1200
mV
5.0
Jitter Generation Specifications
Table 5
SONET Jitter BW 12 kHz - 1.3 MHz
Frequency (MHz)
pS (RMS)
155.52
2.2 Typ.
SONET Jitter BW 12 kHz - 5 MHz
pS (RMS)
622.08
1.9 Typ.
NOTES:
A
Active
FR
Free Run Mode
NA
Not Active
HZ
High Impedance
Input Selection / Output Response
Table 4
INPUTS
OUTPUTS
NOTE
RESET
ENABLE
SEL
AB
REF
A
REF
B
FR
FR
status
ALARM
Q
QN
1
0
XXXX
1
X
X
X
FR
X
1
XXXX
HZ
HZ
X
X
0
0
XXX
1
1
1
X
X
FR
00
0
A
A
0
0
0
X
X
RA
00
1
A
A
0
0
0
X
X
RB
00
0
NA
A
0
0
1
X
X
U
00
1
NA
A
0
0
0
X
X
RB
00
1
A
NA
0
0
1
X
X
U
00
0
A
NA
0
0
0
X
X
RA
00
X
NA
NA
0
1
1
X
X
FR
RA
Locked to Reference A
RB
Locked to Reference B
U
Unstable (due to conditions shown, switch to active reference
or Free Run)
X
Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com