Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM3 Datasheet(PDF) 13 Page - Connor-Winfield Corporation

Part # SM3
Description  ULTRA MINIATURE STRATUM 3 MODULE
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SM3 Datasheet(HTML) 13 Page - Connor-Winfield Corporation

Back Button SM3 Datasheet HTML 9Page - Connor-Winfield Corporation SM3 Datasheet HTML 10Page - Connor-Winfield Corporation SM3 Datasheet HTML 11Page - Connor-Winfield Corporation SM3 Datasheet HTML 12Page - Connor-Winfield Corporation SM3 Datasheet HTML 13Page - Connor-Winfield Corporation SM3 Datasheet HTML 14Page - Connor-Winfield Corporation SM3 Datasheet HTML 15Page - Connor-Winfield Corporation SM3 Datasheet HTML 16Page - Connor-Winfield Corporation SM3 Datasheet HTML 17Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Data Sheet #: TM052
Page 13 of 36
Rev: 03
Date: 11/07/08
© Copyright 2008 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Register Descriptions and Operation continued
Op_Mode, 0x05 (R/W)
Bit 7 ~ Bit 5
Bit 4
Bit 3 ~ Bit 0
Reserved
Master or Slave Mode
Free Run, Locked, or Hold Over:
1: Master
0000: Free Run mode
0: Slave
0001: Locked on Ref1
(Read Only)
0010: Locked on Ref2
0011: Locked on Ref3
0100: Locked on Ref4
0101 - 1000: Not Used
1001 - 1111: Hold Over
Max_Pullin_Range, 0x06 (R/W)
Bit 7 ~ Bit 0
Maximum pull-in range in 0.1 ppm unit
This register should be set according to the values specified by the standards (GR-1244) appropriate for the particular stratum of
operation. The power-up default value is 10 ppm. (= 4.6ppm aging + 4.6 ppm pullin + margin).
M/S_Activity, 0x07 (R)
Bit 7 ~ Bit 4
Bit 3 ~ Bit 0
Reserved
Cross reference activity
0000: No signal
0001: 8kHz
0010:1.544 MHz
0011:2.048MHz
0100: 12.96MHz
0101: 19.44MHz
0110: 25.92MHz
0111: 38.88MHz
1000: 51.84MHz
1001: 77.76MHz
1010-1111: Reserved
Indicates signal presence and auto-detected frequency for the M/S REF input.
Ref_Activity, 0x08 (R)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ref4 activity
ref3 activity
ref2 activity
ref1 activity
0: off
0: off
0: off
0: off
1: on
1: on
1: on
1: on
0: off
0: off
0: off
0: off
Each bit indicates the presence of a signal for that reference.
When the device is in slave mode, it will lock to the M/S REF, independent of the values written to BITS 3 - 0 of the Op_mode
register. The operational mode and reference selection written to Bits 3 - 0 while in slave mode will, however, take effect when the
device is made the master.
When bit 1 of the Ctl_Mode register is reset (automatic reference and mode selection) and the device is in master mode, BITS 3 -
0 of the Op_Mode register become read-only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com