Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SM3E Datasheet(PDF) 21 Page - Connor-Winfield Corporation

Part # SM3E
Description  ULTRA MINIATURE STRATUM 3E MODULE
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SM3E Datasheet(HTML) 21 Page - Connor-Winfield Corporation

Back Button SM3E Datasheet HTML 17Page - Connor-Winfield Corporation SM3E Datasheet HTML 18Page - Connor-Winfield Corporation SM3E Datasheet HTML 19Page - Connor-Winfield Corporation SM3E Datasheet HTML 20Page - Connor-Winfield Corporation SM3E Datasheet HTML 21Page - Connor-Winfield Corporation SM3E Datasheet HTML 22Page - Connor-Winfield Corporation SM3E Datasheet HTML 23Page - Connor-Winfield Corporation SM3E Datasheet HTML 24Page - Connor-Winfield Corporation SM3E Datasheet HTML 25Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Data Sheet #: TM054
Page 21 of 36 Rev: 02
Date: 11/07/08
© Copyright 2008 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Performance Specifications continued
Wander Transfer – Wander transfer is the degree to which input wander is attenuated (or amplified) from input to output of a clock.
The GR-1244 requirements for wander transfer limits are shown below.
Integration time,
τ (seconds)
Stratum 3E TDEV (nanoseconds)
τ < 0.05
N/A
0.05
≤
τ < 0.1
N/A
0.1
≤
τ < 1.44
3.16 x
τ -0.5
1.44
≤
τ < 10
1.86 x
τ
10
≤
τ < 300
1.86 x
τ
300
≤
τ ≤1000
32.2 x
τ 0.5
1000 <
τ
N/A
Jitter Attenuation vs. Input Frequency
-80.0
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
0.001
0.01
0.1
1
INPUT Jitter frequency (Hz)
0.1
1
10
100
1000
10000
0.01
0.1
1
10
100
1000
10000
Integration Time (sec)
GR-1244-CORE, Fig5-6, Wander Transfer
3E Wander Transfer TDEV
The SM3E, when configured for the appropriate Stratum 3E bandwidth frequency, meets the Stratum 3E requirements,
Jitter Generation – Jitter generation is the process whereby jitter appears at the output of a clock in the absence of input jitter.
The device jitter generation performance is as shown below:
Jitter
19.44 MHz
77.76 MHz
Broadband
8 ps Typical
8 ps Typical
(10 Hz - 2 MHz)
SONET Band
(12 kHz -2MHz)
(12 kHz -20MHz)
1.5 ps Typical
0.8 ps Typical
Jitter Transfer – Jitter transfer is the degree to which input jitter is attenuated (or amplified) from input to output of a clock. It is
a function of the selected bandwidth. The SM3E jitter transfer characteristics are shown below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com