Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT15 Datasheet(PDF) 2 Page - Adam Technologies, Inc.

Part # RT15
Description  RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

RT15 Datasheet(HTML) 2 Page - Adam Technologies, Inc.

  RT15 Datasheet HTML 1Page - Adam Technologies, Inc. RT15 Datasheet HTML 2Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Recommended PCB Layout
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
51
RELAY
LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
R SERIES
9
36
18
7.5
57.6
140
200
140
140
300
257
2,880
1,028
178
7,680
23.3
8.3
11.7
28.1
6.3
0.6
2.4
1.2
0.5
4.8
4.5
18
9
3.75
36
48
5
12
24
6
V DC
Voltage
Max allowable
mA (±10%)
Operating Current
Nominal
Drop-out
Voltage
V DC (min.)
Pick-up Voltage
V DC (max.)
.551
[14.00]
.354
[9.00]
.551 [14.00]
.078
[2.00]
.039
[1.00]
.100
[2.54]
.376
[9.56]
-
+
12
34
5
6
7
8
9
10
SCHEMATIC
.192 [4.90]
Nominal
Operating Power
mW
(±10%)
Coil Resistance
RT1 SERIES
RT1-5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com