Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT15 Datasheet(PDF) 4 Page - Adam Technologies, Inc.

Part # RT15
Description  RELAY LOW PROFILE SMT SIGNAL RELAY-TYPE RT1
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

RT15 Datasheet(HTML) 4 Page - Adam Technologies, Inc.

  RT15 Datasheet HTML 1Page - Adam Technologies, Inc. RT15 Datasheet HTML 2Page - Adam Technologies, Inc. RT15 Datasheet HTML 3Page - Adam Technologies, Inc. RT15 Datasheet HTML 4Page - Adam Technologies, Inc. RT15 Datasheet HTML 5Page - Adam Technologies, Inc. RT15 Datasheet HTML 6Page - Adam Technologies, Inc. RT15 Datasheet HTML 7Page - Adam Technologies, Inc. RT15 Datasheet HTML 8Page - Adam Technologies, Inc. RT15 Datasheet HTML 9Page - Adam Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
53
RELAY
SIGNAL RELAY THRU-HOLE RT2
R SERIES
Recommended PCB Layout
SCHEMATIC
ø.031
[0.80] TYP.
.012
[0.30]
.023 [0.60]
.300 [7.62]
.200 [5.08]
.200 [5.08]
.157 [4.00]
.472 [12.00]
MAX.
.826 [21.00]
MAX.
.433
[11.00]
MAX
.300
[7.62]
.300
[7.62]
.200
[5.08]
.200
[5.08]
V DC
Voltage
Max allowable
Nominal
Operating Power
mW
(±10%)
Coil Resistance
mA (±10%)
Operating Current
Nominal
Drop-out
Voltage
V DC (min.)
Pick-up Voltage
V DC (max.)
V DC
Voltage
Nominal
12
48
24
10
86
200
200
200
200
300
180
2,880
720
125
7,680
33.3
8.3
16.7
40
6.3
0.6
2.4
1.2
0.5
4.8
4.2
16.8
8.4
3.5
33.6
48
5
12
24
6
RT2 SERIES
RT2-24
Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com