Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2CH2C05 Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # 2CH2C05
Description  HEADER & HOUSING SYSTEMS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

2CH2C05 Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  2CH2C05 Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue • Union, New Jersey 07083 • T: 908-687-5000 • F: 908-687-5710 • WWW.ADAM-TECH.COM
268
INTRODUCTION:
Adam Tech 2CH & 2SH Series of multiple pitch Headers and
Housings are a matched set of Crimp Wire Housings and PCB
mounted Shrouded Headers available in Straight, Right Angle or
SMT orientation. Offered in three popular industry standard styles
they provide a lightweight, fine pitched, polarized, high reliability
connection system.
FEATURES:
Multiple pitches and configurations
Matched Housing & Header system
Straight, Right Angle or SMT Headers
Sure fit, Fine Pitched & Polarized
MATING CONNECTORS:
Each set has male and female mate
SPECIFICATIONS:
Material:
Insulator: PBT, glass reinforced, rated UL94V-0
Nylon 66, rated UL94V-0
Contacts: Brass
Plating:
Tin over copper underplate overall
Electrical:
Operating voltage: 100V AC max.
Current rating: 0.5 - 3 Amps max.
Insulation resistance: 1000 M
Ω min.
Dielectric withstanding voltage: 800V AC for 1 minute
Mechanical:
Insertion force: 1.28 lbs max
Withdrawal force: 0.180 lbs min.
Temperature Rating:
Operating temperature: -55°C to +125°C
SAFETY AGENCY APPROVALS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
HEADER & HOUSING SYSTEMS
.8mm, 1mm, 1.25mm, 1.5mm, 2mm & 2.5mm
2CH & 2SH SERIES
2SH
B
04
TS
SERIES INDICATOR
08SH = 0.80mm
Single Row
1SH = 1.00mm
Single Row
125SH = 1.25mm
Single Row
15SH = 1.50mm
Single Row
2SH = 2.0mm
Single Row
25SH = 2.50mm
Single Row
BODY STYLE
A = Body Style "A"
B = Body Style "B"
C = Body Style "C"
POSITIONS
02 thru 25
PIN ANGLE
IDC = Pre-installed
crimp contacts
(08SH Type only)
TS = Straight PCB
TR = Right Angle PCB
ORDERING INFORMATION
SERIES INDICATOR
1CH = 1.00mm Single Row
125CH = 1.25mm Single Row
15CH = 1.50mm Single Row
2CH = 2.00mm Single Row
2CH2 = 2.0mm Dual Row
25CH = 2.50mm Single Row
BODY STYLE
A = Body Style "A"
B = Body Style "B"
C = Body Style "C"
TOTAL NO. OF POSITIONS
02 thru 25 (Body style A1)
04 thru 50 (Body style A2)
02 thru 15(Body styles A,
B & C)
SHROUDED HEADER
CRIMP HOUSING
ORDERING INFORMATION
OPTIONS:
Add designator(s) to end of part number
SMT
= Surface mount leads with Hi-Temp insolator
2CH
B
04
2CTA
R
SERIES INDICATOR
1CTA = 1.00mm Body Style "A" Contact
125CTA = 1.25mm Body Style "A" Contact
125CTB = 1.25mm Body Style "B" Contact
125CTC = 1.25mm Body Style "C" Contact
15CTA = 1.50mm Body Style "A" Contact
15CTB = 1.50mm Body Style "B" Contact
2CTB = 2.00mm Body Style "B" Contact
2CTC = 2.00mm Body Style "C" Contact
25CTB = 2.50mm Body Style "B" Contact
25CTC = 2.50mm Body Style "C" Contact
PACKAGING
R = 10,000 Piece Reel
B = 1,000 Piece Loose Cut
ORDERING INFORMATION
CRIMP CONTACT
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT
HI-TEMP
INSULATOR
A V A I L A B L E


Similar Part No. - 2CH2C05

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
2CH-A1-XX ADAM-TECH-2CH-A1-XX Datasheet
90Kb / 1P
CRIMP HOUSING
2CH-A2-XX ADAM-TECH-2CH-A2-XX Datasheet
36Kb / 1P
CRIMP HOUSING
2CH-B-XX ADAM-TECH-2CH-B-XX Datasheet
36Kb / 1P
CRIMP HOUSING
2CH-C-XX ADAM-TECH-2CH-C-XX Datasheet
36Kb / 1P
CRIMP HOUSING
2CH-D-XX ADAM-TECH-2CH-D-XX Datasheet
69Kb / 1P
909 Rahway Avenue
More results

Similar Description - 2CH2C05

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
25CH-B-XX ADAM-TECH-25CH-B-XX Datasheet
115Kb / 1P
HEADER & HOUSING SYSTEMS 2.5mm Type B & C
CDR04TS ADAM-TECH-CDR04TS Datasheet
117Kb / 1P
.100 LATCHING HEADER & HOUSING
CDR-06-TS ADAM-TECH-CDR-06-TS Datasheet
108Kb / 1P
.100 LATCHING HEADER & HOUSING
LHA10TS ADAM-TECH-LHA10TS Datasheet
128Kb / 1P
.100 HEADER & HOUSING CONNECTOR SYSTEM
MTE-08 ADAM-TECH-MTE-08 Datasheet
96Kb / 1P
HEADER & HOUSING SYSTEMS .100 [2.54] CENTERLINE SINGLE & DUAL ROW
25SH-C-XX-TS ADAM-TECH-25SH-C-XX-TS Datasheet
77Kb / 1P
HEADER & HOUSING SYSTEMS 2.5mm Type B & C
logo
FSP TECHNOLOGY INC.
FSP050-DGAA5 FSP-FSP050-DGAA5 Datasheet
109Kb / 1P
IPC systems, C ommunication systems, Embedded systems, POE systems
FSP090-DIEBN2 FSP-FSP090-DIEBN2 Datasheet
239Kb / 1P
AIO systems, PC systems, Mini-ITX systems, Embedded systems
FSP150-ABBN2 FSP-FSP150-ABBN2 Datasheet
137Kb / 1P
AIO systems, PC systems, Mini-ITX systems
FSP150-AHAN2 FSP-FSP150-AHAN2 Datasheet
119Kb / 1P
IPC systems, Embedded systems, Printers, POS systems
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com