Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IN74ACT193 Datasheet(PDF) 5 Page - IK Semicon Co., Ltd

Part # IN74ACT193
Description  Presettable 4-Bit Binary UP/DOWN Counter High-Speed Silicon-Gate CMOS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN74ACT193 Datasheet(HTML) 5 Page - IK Semicon Co., Ltd

  IN74ACT193 Datasheet HTML 1Page - IK Semicon Co., Ltd IN74ACT193 Datasheet HTML 2Page - IK Semicon Co., Ltd IN74ACT193 Datasheet HTML 3Page - IK Semicon Co., Ltd IN74ACT193 Datasheet HTML 4Page - IK Semicon Co., Ltd IN74ACT193 Datasheet HTML 5Page - IK Semicon Co., Ltd IN74ACT193 Datasheet HTML 6Page - IK Semicon Co., Ltd IN74ACT193 Datasheet HTML 7Page - IK Semicon Co., Ltd IN74ACT193 Datasheet HTML 8Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IN74ACT193
TIMING REQUIREMENTS (CL=50pF, Input tr=tf=3.0 ns, VCC=5.0 V ± 10%)
Guaranteed Limits
Symbol
Parameter
25
°C
-40
°C to
85
°C
Unit
tsu
Minimum Setup Time, Pn to PL (Figure 7)
8
9
ns
th
Minimum Hold Time, PL to Pn (Figure 7)
-1.0
-1.0
ns
tw
Minimum Pulse Width, PL (Figure 4)
14
15
ns
tw
Minimum Pulse Width, CPU or CPD
(Figure 1)
10
11
ns
tw
Minimum Pulse Width, MR (Figure 5)
12
14
ns
trec
Minimum Recovery Time, PL to CPU or CPD (Figure
5)
8
9
ns
trec
Minimum Recovery Time, MR to CPU or CPD
(Figure 5)
14
16
ns
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
Figure 3. Switching Waveforms
Figure 4. Switching Waveforms
Rev. 00



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com