Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DFW03 Datasheet(PDF) 1 Page - Adam Technologies, Inc.

Part # DFW03
Description  DISK DRIVE CONNECTORS .200 [5.08] CENTERLINE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAM-TECH [Adam Technologies, Inc.]
Direct Link  http://www.adam-tech.com
Logo ADAM-TECH - Adam Technologies, Inc.

DFW03 Datasheet(HTML) 1 Page - Adam Technologies, Inc.

  DFW03 Datasheet HTML 1Page - Adam Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Adam Technologies, Inc.
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
333
DISK DRIVE CONNECTORS
.200" [5.08] CENTERLINE
DDC SERIES
909 Rahway Avenue Union, New Jersey 07083 T: 908-687-5000 F: 908-687-5710 WWW.ADAM-TECH.COM
DMC
01
R
CONTACT TYPE
DMC = Male crimp contact
DFC = Female crimp contact
WIRE SIZE
01 = 22-18 AWG
PACKAGING
R = 7,000 piece reel
B = 1,000 pieces
loose cut
CRIMP CONTACT
INTRODUCTION:
Adam Tech Disk Drive Series connectors are so named for their
original use in Disk Drives. Their familiar and reliable performance
continues to make them a popular two piece connector interface for
many other applications. This series offers both a wire mounted male
and a PCB mounted header in straight or right angle mount. These
mate to one of two types of wire mounted female housings. One with
preloaded IDC contacts and the second with contacts crimped to wire
and inserted into the blank female housing. Made with sturdy,
precision engineered contacts they provide a high reliability,
polarized, secure locking connector design.
FEATURES:
Secure locking, Polarized design
Wire to wire or Wire to board option
High reliability contacts
5 amp current rating
MATING CONNECTORS:
This series mates with all industry standard disk drive connectors
SPECIFICATIONS:
Material:
Insulator: Nylon 66, rated UL94V-2
Insulator Color: Natural
Contacts: Brass, tin plated
Electrical:
Operating voltage: 250V AC / DC max.
Current rating: 5 Amps max
Contact resistance: 20 m
Ω max. Initial
Insulation resistance: 1000 M
Ω min.
Dielectric withstanding voltage: 1500V AC for 1 minute
Mechanical:
Insertion force: 4 lbs max
Withdrawal force: 1.5 lbs min
Mating durability: 500 Cycles min.
Temperature Rating:
Operating temperature: -20°C to +120°C
PACKAGING:
Anti-ESD plastic bags
Contacts: 7000 pcs on reel
SAFETY AGENCY APPROVALS:
UL Recognized File No. E224053
CSA Certified File No. LR1578596
ORDERING INFORMATION
DDH
04
SERIES INDICATOR
DDH = Male, wire
mount housing
DDF = Female, wire
mount housing
DDS = Male, straight
PC Board Mount
DDR = Male, right angle
PC Board Mount
DFW = Female with Discrete
IDC contacts
DFW-B = Cover, end mount
DFW-C = Cover, feed-thru
POSITIONS
02 = 2 Positions
03 = 3 Positions
04 = 4 Positions
®
®
V
D E
UL
®
RoHS
COMPLIANT
2002 / 95 / EC
2002 / 95 / EC
Pb
RoHS
COMPLIANT


Similar Part No. - DFW03

ManufacturerPart #DatasheetDescription
logo
Herga Technology
DFW HERGA-DFW Datasheet
543Kb / 2P
MICROSWITCH LINE CARD
05/25
DFW-05 HERGA-DFW-05 Datasheet
543Kb / 2P
MICROSWITCH LINE CARD
05/25
DFW-IP67 HERGA-DFW-IP67 Datasheet
543Kb / 2P
MICROSWITCH LINE CARD
05/25
DFW-P1 HERGA-DFW-P1 Datasheet
543Kb / 2P
MICROSWITCH LINE CARD
05/25
logo
DDK Ltd.
DFW-PAV100-98-3A DDK-DFW-PAV100-98-3A Datasheet
280Kb / 3P
0.6mm Pitch Floating Connector
More results

Similar Description - DFW03

ManufacturerPart #DatasheetDescription
logo
IBM
09N4268 IBM-09N4268 Datasheet
2Mb / 54P
ThinkPad Hard Disk Drive
logo
Adam Technologies, Inc.
CE98U ADAM-TECH-CE98U Datasheet
115Kb / 1P
CARD EDGE CONNECTORS .100 X .200 [2.54 X 5.08] CENTERLINE
HMCA-112-G ADAM-TECH-HMCA-112-G Datasheet
559Kb / 9P
CARD EDGE CONNECTORS .100 X .200 [2.54 X 5.08] CENTERLINE
logo
Phihong USA Inc.
PSA-40-271 PHIHONG-PSA-40-271 Datasheet
63Kb / 2P
Disk Drive Power Supply
logo
Molex Electronics Ltd.
0015244048 MOLEX1-0015244048 Datasheet
71Kb / 2P
5.08mm (.200") Pitch Disk Drive Power Connection System, Female Crimp Housing
logo
Adam Technologies, Inc.
DDF-XX ADAM-TECH-DDF-XX Datasheet
80Kb / 1P
DISK DRIVE FEMALE HOUSING
DDH-XX ADAM-TECH-DDH-XX Datasheet
80Kb / 1P
DISK DRIVE MALE HOUSING
DDH-XXA ADAM-TECH-DDH-XXA Datasheet
83Kb / 1P
DISK DRIVE POWER CONNECTOR
logo
TE Connectivity Ltd
ENG_CD_1744036 TEC-ENG_CD_1744036 Datasheet
171Kb / 1P
RECEPTACLE, ECONOMY POWER, .200 CENTERLINE
logo
Adam Technologies, Inc.
EB147A-XX-D ADAM-TECH-EB147A-XX-D Datasheet
104Kb / 1P
EURO BLOCK, .200[5.08]PITCH
9/10/13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com