Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TN2501N8 Datasheet(PDF) 1 Page - Supertex, Inc

Part # TN2501N8
Description  N-Channel Enhancement-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN2501N8 Datasheet(HTML) 1 Page - Supertex, Inc

  TN2501N8 Datasheet HTML 1Page - Supertex, Inc TN2501N8 Datasheet HTML 2Page - Supertex, Inc TN2501N8 Datasheet HTML 3Page - Supertex, Inc TN2501N8 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
11/12/01
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
BV
DSS /RDS(ON)
I
D(ON)
V
GS(th)
BV
DGS
(max)
(min)
(max)
TO-243AA*
Die†
18V
2.5Ω
250mA
1.0V
TN2501N8
TN2501ND
*Same as SOT-89. Product supplied on 2000 piece carrier tape reels.
†MIL visual screening available.
Low Threshold
N-Channel Enhancement-Mode
Vertical DMOS FETs
Features
❏ Low threshold
❏ High input impedance
❏ Low input capacitance — 110pF max.
❏ Fast switching speeds
❏ Low on resistance
❏ Free from secondary breakdown
❏ Low input and output leakage
Low Threshold DMOS Technology
These low threshold enhancement-mode (normally-off) transis-
tors utilize a vertical DMOS structure and Supertex’s well-proven
silicon-gate manufacturing process. This combination produces
devices with the power handling capabilities of bipolar transistors
and with the high input impedance and positive temperature
coefficient inherent in MOS devices. Characteristic of all MOS
structures, these devices are free from thermal runaway and
thermally-induced secondary breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a wide range
of switching and amplifying applications where very low threshold
voltage, high breakdown voltage, high input impedance, low input
capacitance, and fast switching speeds are desired.
Applications
❏ Logic level interfaces – ideal for TTL and CMOS
❏ Solid state relays
❏ Battery operated systems
❏ Photo voltaic drives
❏ Analog switches
❏ General purpose line drivers
❏ Telecom switches
Absolute Maximum Ratings
Drain-to-Source Voltage
BVDSS
Drain-to-Gate Voltage
BV
DGS
Gate-to-Source Voltage
± 15V
Operating and Storage Temperature
-55°C to +150°C
Soldering Temperature*
300°C
*Distance of 1.6 mm from case for 10 seconds.
Ordering Information
Package Option
Order Number /Package
Note: See Package Outline section for dimensions.
TN2501
TO-243AA
(SOT-89)
G
D
S
D
Product marking for TO-243AA:
Where
❋ = 2-week alpha date code
TN5U
❋


Similar Part No. - TN2501N8

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN2501N8-G SUTEX-TN2501N8-G Datasheet
598Kb / 5P
N-Channel Enhancement-Mode Vertical DMOS FET
logo
Microchip Technology
TN2501N8G MICROCHIP-TN2501N8G Datasheet
464Kb / 14P
N-Channel Enhancement-Mode Vertical DMOS FET
10/25/17
More results

Similar Description - TN2501N8

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TN5325 SUTEX-TN5325 Datasheet
446Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN0606 SUTEX-VN0606 Datasheet
434Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN2406 SUTEX-VN2406 Datasheet
442Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN3515L SUTEX-VN3515L Datasheet
441Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN10KN9 SUTEX-VN10KN9 Datasheet
242Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN0550 SUTEX-VN0550_07 Datasheet
534Kb / 5P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN0540 SUTEX-VN0540 Datasheet
30Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN4012 SUTEX-VN4012 Datasheet
446Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN2450N8-G SUTEX-VN2450N8-G Datasheet
587Kb / 6P
N-Channel Enhancement-Mode Vertical DMOS FETs
VN3205N3-G SUTEX-VN3205N3-G Datasheet
728Kb / 6P
N-Channel Enhancement-Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com