Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TP2535 Datasheet(PDF) 1 Page - Supertex, Inc

Part # TP2535
Description  P-Channel Enhancement-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP2535 Datasheet(HTML) 1 Page - Supertex, Inc

  TP2535 Datasheet HTML 1Page - Supertex, Inc TP2535 Datasheet HTML 2Page - Supertex, Inc TP2535 Datasheet HTML 3Page - Supertex, Inc TP2535 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
11/12/01
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability
indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to
workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the
Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
BVDSS /RDS(ON)
VGS(th)
ID(ON)
BV
DGS
(max)
(max)
(min)
TO-92
TO-243AA*
Die†
-350V
25Ω
-2.4V
-0.4A
TP2535N3
—
—
-400V
25Ω
-2.4V
-0.4A
TP2540N3
TP2540N8
TP2540ND
* Same as SOT-89. Product supplied on 2000 piece carrier tape reels.
† MIL visual screening available.
Ordering Information
TP2535
TP2540
Low Threshold
Package Options
Features
❏ Low threshold — -2.4V max.
❏ High input impedance
❏ Low input capacitance — 125pF max.
❏ Fast switching speeds
❏ Low on resistance
❏ Free from secondary breakdown
❏ Low input and output leakage
❏ Complementary N- and P-channel devices
Low Threshold DMOS Technology
These low threshold enhancement-mode (normally-off) transis-
tors utilize a vertical DMOS structure and Supertex's well-proven
silicon-gate manufacturing process. This combination produces
devices with the power handling capabilities of bipolar transistors
and with the high input impedance and positive temperature
coefficient inherent in MOS devices. Characteristic of all MOS
structures, these devices are free from thermal runaway and
thermally-induced secondary breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a wide range
of switching and amplifying applications where very low threshold
voltage, high breakdown voltage, high input impedance, low input
capacitance, and fast switching speeds are desired.
Order Number / Package
P-Channel Enhancement-Mode
Vertical DMOS FETs
Applications
❏ Logic level interfaces – ideal for TTL and CMOS
❏ Solid state relays
❏ Battery operated systems
❏ Photo voltaic drives
❏ Analog switches
❏ General purpose line drivers
❏ Telecom switches
Absolute Maximum Ratings
Drain-to-Source Voltage
BV
DSS
Drain-to-Gate Voltage
BV
DGS
Gate-to-Source Voltage
± 20V
Operating and Storage Temperature
-55°C to +150°C
Soldering Temperature*
300°C
* Distance of 1.6 mm from case for 10 seconds.
Note: See Package Outline section for dimensions.
TO-243AA
(SOT-89)
G
D
S
D
S G D
TO-92
Product marking for TO-243AA
Where
❋ = 2-week alpha date code
TP5D
❋


Similar Part No. - TP2535

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TP2535 SUTEX-TP2535 Datasheet
639Kb / 5P
P-Channel Enhancement Mode Vertical DMOS FETs
TP2535N3-G SUTEX-TP2535N3-G Datasheet
639Kb / 5P
P-Channel Enhancement Mode Vertical DMOS FETs
More results

Similar Description - TP2535

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TP0606 SUTEX-TP0606 Datasheet
454Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
TP07L SUTEX-TP07L Datasheet
73Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FETs????
VP0104 SUTEX-VP0104 Datasheet
46Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
VP1506 SUTEX-VP1506 Datasheet
27Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FETs
VP2106 SUTEX-VP2106 Datasheet
456Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
VP1504 SUTEX-VP1504 Datasheet
339Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FETs
TP2520 SUTEX-TP2520_07 Datasheet
576Kb / 5P
P-Channel Enhancement Mode Vertical DMOS FETs
TP2635 SUTEX-TP2635_07 Datasheet
562Kb / 5P
P- Channel Enhancement-Mode Vertical DMOS FETs
TP2424N8-G SUTEX-TP2424N8-G Datasheet
347Kb / 3P
P-Channel Enhancement Mode Vertical DMOS FETs
TP2540N3-G SUTEX-TP2540N3-G Datasheet
711Kb / 6P
P-Channel Enhancement Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com