Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1782CS6 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1782CS6
Description  Micropower, Over-The-Top SOT-23, Rail-to-Rail Input and Output Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1782CS6 Datasheet(HTML) 4 Page - Linear Technology

  LT1782CS6 Datasheet HTML 1Page - Linear Technology LT1782CS6 Datasheet HTML 2Page - Linear Technology LT1782CS6 Datasheet HTML 3Page - Linear Technology LT1782CS6 Datasheet HTML 4Page - Linear Technology LT1782CS6 Datasheet HTML 5Page - Linear Technology LT1782CS6 Datasheet HTML 6Page - Linear Technology LT1782CS6 Datasheet HTML 7Page - Linear Technology LT1782CS6 Datasheet HTML 8Page - Linear Technology LT1782CS6 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1782
The q denotes specifications which apply over the specified temperature range, otherwise specifications are TA = 25°C.
VS = 3V, 0V; VS = 5V, 0V, VCM = VOUT = half supply, for the 6-lead part VPIN5 = 0V, pulse power tested unless otherwise specified.
LT1782C/LT1782I
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SR
Slew Rate
AV = –1, RL = ∞
0.035
0.07
V/
µs
(Note 5)
0
°C ≤ TA ≤ 70°C
q
0.031
V/
µs
–40
°C ≤ TA ≤ 85°C
q
0.028
V/
µs
tS
Settling Time
VS = 5V, ∆VOUT = 2V to 0.1%, AV = –1
45
µs
THD
Distortion
VS = 3V, VO = 2VP–P, AV = 1, RL = 10k, f =1kHz
0.003
%
FPBW
Full-Power Bandwidth (Note 9)
VOUT = 2VP–P
11
kHz
The q denotes specifications which apply over the specified temperature range, otherwise specifications are TA = 25°C.
VS = ±5V, VCM = 0V,VOUT = 0V, for the 6-lead part VPIN5 = V –, pulse power tested unless otherwise specified.
LT1782C/LT1782I
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
TA = 25°C
500
900
µV
0
°C ≤ TA ≤ 70°C
q
1050
µV
–40
°C ≤ TA ≤ 85°C
q
1200
µV
∆VOS/∆T Input Offset Voltage Drift (Note 7)
q
25
µV/°C
IOS
Input Offset Current
q
0.7
2
nA
IB
Input Bias Current
q
815
nA
Input Bias Current Drift
q
0.01
nA/
°C
Input Noise Voltage
0.1Hz to 10Hz
1
µVP-P
en
Input Noise Voltage Density
f = 1kHz
50
nV/
√Hz
in
Input Noise Current Density
f = 1kHz
0.05
pA/
√Hz
RIN
Input Resistance
Differential
q
3.4
6.5
M
Ω
Common Mode, VCM = –5V to 13V
q
1.5
3
M
Ω
CIN
Input Capacitance
5pF
Input Voltage Range
q
–5
13
V
CMRR
Common Mode Rejection Ratio
VCM = –5V to 13V
q
68
80
dB
AVOL
Large-Signal Voltage Gain
VO = ±4V, RL= 10k
55
150
V/mV
0
°C ≤ TA ≤ 70°C
q
40
V/mV
–40
°C ≤ TA ≤ 85°C
q
30
V/mV
VOL
Output Voltage Swing LOW
No Load
q
– 4.997
– 4.992
V
ISINK = 5mA
q
– 4.8
– 4.5
V
ISINK = 10mA
q
– 4.6
– 4.2
V
VOH
Output Voltage Swing HIGH
No Load
q
4.91
4.94
V
ISOURCE = 5mA
q
4.6
4.8
V
ISOURCE = 10mA
q
4.5
4.74
V
ISC
Short-Circuit Current (Note 2)
Short to GND
18
30
mA
0
°C ≤ TA ≤ 70°C
q
15
mA
PSRR
Power Supply Rejection Ratio
VS = ±1.5V to ±9V
q
90
100
dB
IS
Supply Current
45
60
µA
0
°C ≤ TA ≤ 70°C
q
65
µA
–40
°C ≤ TA ≤ 85°C
q
70
µA
Supply Current, SHDN
VPIN5 = –3V, VS = ±5V, No Load (Note 10)
q
620
µA
ISHDN
Shutdown Pin Current
VPIN5 = –4.7V, VS = ±5V, No load (Note 10)
q
0.5
nA
VPIN5 = –3V, VS = ±5V, No Load (Note 10)
q
28
µA
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com